Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMCM650VNE Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMCM650VNE
Description  12 V, N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMCM650VNE Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMCM650VNE Datasheet HTML 5Page - NXP Semiconductors PMCM650VNE Datasheet HTML 6Page - NXP Semiconductors PMCM650VNE Datasheet HTML 7Page - NXP Semiconductors PMCM650VNE Datasheet HTML 8Page - NXP Semiconductors PMCM650VNE Datasheet HTML 9Page - NXP Semiconductors PMCM650VNE Datasheet HTML 10Page - NXP Semiconductors PMCM650VNE Datasheet HTML 11Page - NXP Semiconductors PMCM650VNE Datasheet HTML 12Page - NXP Semiconductors PMCM650VNE Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NXP Semiconductors
PMCM650VNE
12 V, N-channel Trench MOSFET
PMCM650VNE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
7 April 2015
9 / 15
QG (nC)
0
20
16
8
12
4
aaa-017451
2
3
1
4
5
VGS
(V)
0
ID = 3 A; VDS = 6 V; Tamb = 25 °C
Fig. 15. Gate-source voltage as a function of gate
charge; typical values
003aaa508
VGS
VGS(th)
QGS1 QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 16. MOSFET transistor: Gate charge waveform
definitions
VSD (V)
0
0.8
0.6
0.2
0.4
aaa-017452
0.4
0.8
1.2
IS
(A)
0
Tj = 150 °C
Tj = 25 °C
VGS = 0 V
Fig. 17. Source current as a function of source-drain voltage; typical values
11. Test information
t1
t2
P
t
006aaa812
duty cycle δ =
t1
t2
Fig. 18. Duty cycle definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com