Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3308G-P08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 3308G-P08-R
Description  DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3308G-P08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  3308G-P08-R Datasheet HTML 1Page - Unisonic Technologies 3308G-P08-R Datasheet HTML 2Page - Unisonic Technologies 3308G-P08-R Datasheet HTML 3Page - Unisonic Technologies 3308G-P08-R Datasheet HTML 4Page - Unisonic Technologies 3308G-P08-R Datasheet HTML 5Page - Unisonic Technologies 3308G-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3308
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R105-012.G
TYPICAL CHARACTERISTICS(Cont.)
814
15
412
0
6
Maximum Output Voltage vs. Operating
Voltage
Operating Voltage, V+ (V)
10
5
1K
100K
1
10K
0
10
Maximum Output Voltage vs.
Load Resistance
4
Load Resistance, RL (Ω)
5
1
15
10
3
(RL = 2kΩ, Ta = 25°C)
+VO(MAX): VIN-/VIN+ = 0V/1V
-VO(MAX): VIN-/VIN+ = 1V/0V
+
-
V+
±VOM
VIN-
2k
VIN+
(V+ = 5V, Ta = 25°C)
100
3
2
10K
15
1K
100K
0
Maximum Output Voltage vs. Frequency
Frequency, f (Hz)
10
5
100K
1M
0
1K
Voltage Gain, Phase vs. Frequency
30
Frequency, f (Hz)
40
10
1M
10K
20
(V+,V- = ±7.5V, RL = 2kΩ, Ta = 25°C)
50
(V+/ V- = ±4.3V, RL = 2kΩ AV
= 40dB, Ta = 25°C)
-100
-120
-60
0
AV
Phase
25
75
25
-25
50
0
0
Operating Current vs. Temperature
Ambient Temperature, Ta (°C)
15
10
5
20
(V+/ V- = ±4.3V)
25
75
5
-25
50
0
0
Maximum Output Voltage vs. Temperature
Ambient Temperature, Ta (°C)
4.2
3.8
3.6
4.6
-VOM
+VOM
4.0
4.4
4.8
~
~
(V+ = 5V, RL = 2kΩ)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com