Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3404G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 3404G-S08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3404G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  3404G-S08-R Datasheet HTML 1Page - Unisonic Technologies 3404G-S08-R Datasheet HTML 2Page - Unisonic Technologies 3404G-S08-R Datasheet HTML 3Page - Unisonic Technologies 3404G-S08-R Datasheet HTML 4Page - Unisonic Technologies 3404G-S08-R Datasheet HTML 5Page - Unisonic Technologies 3404G-S08-R Datasheet HTML 6Page - Unisonic Technologies 3404G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3404
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R105-026.E
TYPICAL APPLICATIONS
30k
IN914
150k
Output
100k
100k
100k
V +
V +
0.01μ
0
Square Wave Oscillator
1/2
UTC 3404
-
+
300k
300k
620k
Input
100k
100k
fo=1kHz
10μ
V +
Bandpass Filter
1/2
UTC 3404
-
+
620
39k
0.01μ
Output
1/2
UTC 3404
-
+
120k
0.01μ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com