Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3414G-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 3414G-P08-R
Description  SINGLE-SUPPLY DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3414G-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  3414G-P08-R Datasheet HTML 1Page - Unisonic Technologies 3414G-P08-R Datasheet HTML 2Page - Unisonic Technologies 3414G-P08-R Datasheet HTML 3Page - Unisonic Technologies 3414G-P08-R Datasheet HTML 4Page - Unisonic Technologies 3414G-P08-R Datasheet HTML 5Page - Unisonic Technologies 3414G-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3414
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R105-009.F
TYPICAL CHARACTERISTICS
Output Source Current vs. VSAT
+
25
1.5
175
0.5
0
75
Output Source Current, ISOURCE (mA)
125
50
1.0
(V
+ = 5V, Ta = +25°C)
150
100
VO
ISOURCE
V
+
-
+
1V
Output Sink Current vs. VSAT
+
1.0
0.5
0
Output Sink Current, ISINK (mA)
50
150
100
(V+ = 5V, Ta = +25°C)
VO
ISINK
V
+
-
+
1V
Input Offset Voltage vs. Temperature
-25
5
75
-2
-5
Ambient Temperature, Ta (°C)
0
2
(V+/V- = ±4.3V)
50
25
250
150
0
0
50
25
4
3
1
0
-1
-3
-4
(V+/V- = ±4.3V)
50
200
100
75
-25
Ambient Temperature, Ta (°C)
Input Bais Current vs. Temperature
Operating Voltage vs. Operating Current
0
7
1
18
14
2
6
0
Operating Voltage, V+ (V)
3
4
2
5
Maximum Output Voltage Swing 2 vs. Temperature
5
1
75
50
2
4
0
Ambient Temperature Ta (°C)
(V+ = 5V; IOUT = 70mA)
-25
3
16
25
0
10
8
Ta = +25℃
12
6
4
1.6
0.4
75
50
0.8
1.4
0
-25
1
25
0
1.2
0.6
0.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com