Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3544G-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 3544G-S08-R
Description  HEADPHONE AMPLIFIER FOR CD-ROMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3544G-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button 3544G-S08-R Datasheet HTML 2Page - Unisonic Technologies 3544G-S08-R Datasheet HTML 3Page - Unisonic Technologies 3544G-S08-R Datasheet HTML 4Page - Unisonic Technologies 3544G-S08-R Datasheet HTML 5Page - Unisonic Technologies 3544G-S08-R Datasheet HTML 6Page - Unisonic Technologies 3544G-S08-R Datasheet HTML 7Page - Unisonic Technologies 3544G-S08-R Datasheet HTML 8Page - Unisonic Technologies 3544G-S08-R Datasheet HTML 9Page - Unisonic Technologies 3544G-S08-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
3544
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R107-040.D
APPLICATION EXAMPLE
8
7
65
12
34
BIAS
90K
90K
6dB
6dB
TSD
MUTE
+
+
OUT1
MUTE
IN1
GND
Vcc
OUT2
BIAS
IN2
VMUTE
H:Active
L:Mute
100k
1μ
1μ
VIN1
1μ
VIN2
47μ
+
+
+
+
330μ
Vcc
C3
C5
C6
C2
R2
C1
C7
330μ
EXPLANATION OF EXTERNAL COMPONENTS
(1)Input coupling capacitor (C3 and C5)
First determined by the low-band cut-off frequency. Because the input impedance is 180kΩ for this IC, it can be
determined by this formula
C3(C5)=1/(2π×180kΩ×f)
But make sure taking the fluctuations, ambient temperature, etc into consideration. A multi-layered ceramic
capacitor is recommended.
(2)BIAS capacitor(C6)
47μF when Vcc=5V, and 33μF when Vcc=3V. Before changing these values take the sufficient considerations.It is
because the electrical characteristics will be adversely affected and popping noise may occur if the capacitance is
lowered too much.
(3)MUTE pin for anti-pop measures (R2 and C2)
An impedance of 190kΩ must be possessed with respect to GND, so the MUTE mode may become unable to be
released if R2 is increased too much.
(4)Output coupling capacitor(C1 and C7)
Also determined by the low-band cutoff frequency. Like the output load resistance value RL (a resistor Rx will be
inserted ,assuming that for output protection or current limiting), it can be calculated by this formula
C1(C7)=1/(2π×(RL+Rx) ×f)
(5)Input gain adjustment resistor(R3 and R4)
External resistors R3 and R4 can perform input gain adjustment .The desired gain can be calculated by this
formula
Gv=6+20log(90kΩ/(90kΩ+R3))[dB]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com