Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA8602G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # KA8602G-S08-R
Description  LOW VOLTAGE AUDIO POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

KA8602G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  KA8602G-S08-R Datasheet HTML 1Page - Unisonic Technologies KA8602G-S08-R Datasheet HTML 2Page - Unisonic Technologies KA8602G-S08-R Datasheet HTML 3Page - Unisonic Technologies KA8602G-S08-R Datasheet HTML 4Page - Unisonic Technologies KA8602G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
KA8602
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R107-043.E
LOW VOLTAGE AUDIO POWER
AMPLIFIER
DESCRIPTION
The UTC KA8602 is the audio power amplifier available for low
voltage. The UTC KA8602 supplies differential outputs for
maximizing output swing at low voltages. The UTC KA8602 does
not need coupling capacitors to the speaker. The gain of this
amplifier is controlled easily by two external resistors.
FEATURES
*Wide operating supply voltage: VCC=2V~16V
*Low quiescent supply current( ICC=2.7mA, typ)
*Medium output power (POUT=250mW at VCC=6V,
RL=32ohm, THD=10%
*Load impedance range: 8~100ohm
*Mute function (ICC=65A, typ)
*Minimum number of external parts required.
*Low distortion
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
KA8602G-D08-T
KA8602G-D08-T
DIP-8
Tube
-
KA8602G-S08-R
SOP-8
Tape Reel
KA8602L-S08-R
(1)Packing Type
(2)Package Type
(1) T: Tube, R: Tape Reel
(2) D08: DIP-8, S08: SOP-8
(3) L: Lead Free, G: Halogen Free and Lead Free
(3)Green Package
MARKING
DIP-8
SOP-8
UTC
KA8602
2
3
4
1
5
6
7
8
Date Code
L: Lead Free
G: Halogen Free
Lot Code


Similar Part No. - KA8602G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
KA8602G-S08-R UTC-KA8602G-S08-R Datasheet
140Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
KA8602G-S08-R UTC-KA8602G-S08-R Datasheet
139Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - KA8602G-S08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2113 NJRC-NJM2113 Datasheet
156Kb / 4P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602 Datasheet
140Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
LM386 UTC-LM386_11 Datasheet
249Kb / 8P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM386D TGS-LM386D Datasheet
1Mb / 6P
Low Voltage Audio Power Amplifier
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com