Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM224G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM224G-S14-R
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM224G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LM224G-S14-R Datasheet HTML 1Page - Unisonic Technologies LM224G-S14-R Datasheet HTML 2Page - Unisonic Technologies LM224G-S14-R Datasheet HTML 3Page - Unisonic Technologies LM224G-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM224
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R105-023.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (Note 1)
VCC
32
V
Differential Input voltage (Note 2)
VI(DIFF)
± 32
V
Input Voltage
VIN
-0.3 ~ +32
V
Output Short Circuit (one amplifier) to Ground
(TA ≤25°C, VCC ≤15V) (Note 3)
Continuous
Power Dissipation(TA=25°C)
PD
900
mW
Operation Temperature (Note 4)
TOPR
-25 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Notes: 1. All voltage values(except differential voltages and VCC specified for the measurement of IIN(OS) are with
respect to the network GND.
2. Differential voltages are at IN+ with respect to IN-.
3. Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
4. The device is guaranteed to meet performance specification within 0°C ~70°C operating temperature
range and assured by design from –25°C ~+85°C.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction-Ambient
SOP-14
θJA
86
°C/W
DIP-14
80
TSSOP-14
113
ELECTRICAL CHARACTERISTICS (VCC=5V, unless otherwise specified, VCC=30V for testing only.)
PARAMETER
SYMBOL TA (°C)
TEST CONDITIONS
*
MIN
TYP MAX UNIT
Input Offset Voltage
VIN(OS)
25
VCC=5V to 30V,
VIC=VICR(min), VOUT=1.4V
3
5
mV
-25~85
7
Input Offset Current
IIN(OS)
25
VOUT=1.4V
2
30
nA
-25~85
100
Input Bias Current
IB
25
VOUT=1.4V
-20 -150
nA
-25~85
-300
Input Common-mode Voltage
Range
VICR
25
VCC=5V to 30V
0~(VCC-1.5)
V
-25~85
0~(VCC-2)
Output Voltage Level
High
VOH
25
RL=2kΩ
VCC-1.5
V
-25~85
VCC=30V, RL=2kΩ
26
VCC=30V, RL≥10kΩ
27
28
Low
VOL
-25~85 RL ≤ 10kΩ
5
20
mV
Large Signal Current Gain
GV
25
VCC=15V, VOUT=1V ~ 11V
RL≥2kΩ
50
100
V/mV
-25~85
25
Common-mode Rejection Ratio CMRR
25
VIC=VICR(min)
70
80
dB
Supply Voltage Rejection Ratio
(∆VCC/∆VIO)
SVR
25
65
100
dB
Crosstalk Attenuation
VO1/VO2
25
f =1kHz ~ 20 kHz
120
dB
Output Current
IOUT
25
VCC=15V, VID=1V, VOUT=0
-20
-30
-60
mA
-25~85
-10
25
VCC=15V, VID=-1V, VOUT=15V
10
20
-25~85
5
25
VID=-1V, VOUT=200mV
12
30
µA
Short-circuit Output Current
IOS
25
VCC=5V, VOUT=0, GND at -5V
± 40 ± 60 mA
Supply Current (four amplifiers)
ICC
-25~85
VOUT=2.5V, RL=∞
0.7
1.2
mA
VCC=30V, VOUT=0.5VCC, RL=∞
1.4
3
Note: All characteristics are measured under open-loop conditions with zero common-mode input voltage.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com