Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LM321
Description  LOW POWER SINGLE OP AMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM321 Datasheet(HTML) 5 Page - Unisonic Technologies

  LM321 Datasheet HTML 1Page - Unisonic Technologies LM321 Datasheet HTML 2Page - Unisonic Technologies LM321 Datasheet HTML 3Page - Unisonic Technologies LM321 Datasheet HTML 4Page - Unisonic Technologies LM321 Datasheet HTML 5Page - Unisonic Technologies LM321 Datasheet HTML 6Page - Unisonic Technologies LM321 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LM321
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R104-007.b
SIMPLIFIED SCHEMATIC
V+
4µA
6µA
Q4
Q3
Q2
Q1
INPUTS-
CC
100µA
Q5
Q6
Q7
RSC
OUTPUT
Q13
Q11
Q12
Q10
50µA
Q8
Q9
INPUTS+
V-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com