Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358G-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM358G-P08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM358G-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LM358G-P08-R Datasheet HTML 1Page - Unisonic Technologies LM358G-P08-R Datasheet HTML 2Page - Unisonic Technologies LM358G-P08-R Datasheet HTML 3Page - Unisonic Technologies LM358G-P08-R Datasheet HTML 4Page - Unisonic Technologies LM358G-P08-R Datasheet HTML 5Page - Unisonic Technologies LM358G-P08-R Datasheet HTML 6Page - Unisonic Technologies LM358G-P08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LM358
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R105-001.R
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
±16 or 32
V
Differential Input Voltage
VI(DIFF)
±32
V
Input Voltage
VI
-0.3 ~ +32
V
Output Short to Ground
Continuous
Power Dissipation
SIP-9
PD
750
mW
DIP-8
625
SOP-8
440
TSSOP-8
360
MSOP-8
300
DFN-8(2×2)
830
Junction Temperature
TJ
+125
C
Operating Temperature
TOPR
-40 ~ +85
C
Storage Temperature
TSTG
-65 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VCC=5.0V, VEE=GND, TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VI(OFF)
VCM=0V toVCC-1.5V
VO(P)=1.4V, RS=0
2.0
5.0
mV
Input Common Mode Voltage
VI(CM)
VCC=30V
0
VCC-1.5
V
Differential Input Voltage
VI(DIFF)
VCC
V
Output Voltage Swing
VOH
VCC=30V, RL=2K
26
V
VCC=30V, RL=10K
27
28
V
VOL
VCC=5V, RL≧10K
5
20
mV
Large Signal Voltage Gain
GV
VCC=15V, RL≧2K
VO(P)=1V ~ 11V
25
100
V/mV
Power Supply Current
ICC
RL=, VCC=30V
0.8
2.0
mA
RL=, Full Temperature Range
0.5
1.2
mA
Input Offset Current
II(OFF)
5
50
nA
Input Bias Current
II(BIAS)
45
250
nA
Short Circuit Current to Ground
ISC
40
70
mA
Output Current
ISOURCE
VI(+)=1V, VI(-)=0V
VCC=15V, VO(P)=2V
10
30
mA
ISINK
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=2V
10
15
mA
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=200mV
12
100
μA
Common Mode Rejection Ratio
CMRR
65
80
dB
Power Supply Rejection Ratio
PSRR
65
100
dB
Channel Separation
CS
f=1KHZ ~ 20KHZ
120
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com