Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM833L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM833L-S08-R
Description  DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM833L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LM833L-S08-R Datasheet HTML 1Page - Unisonic Technologies LM833L-S08-R Datasheet HTML 2Page - Unisonic Technologies LM833L-S08-R Datasheet HTML 3Page - Unisonic Technologies LM833L-S08-R Datasheet HTML 4Page - Unisonic Technologies LM833L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LM833
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-A09.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
±18 or +36
V
Differential Input Voltage (Note 1)
VID
±30
V
Input Voltage (Note 1)
VIN
±15
V
Maximum Power Dissipation (Note 2)
PD
500
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65~150
°C
Notes: 1. Either or both input voltages must not exceed the magnitude of VCC+ or VCC-.
2. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded.
OPERATING CONDITIONS
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
±2.5~±15
V
Operating Free-Air Temperature Range
TOPER
-40~105
°C
ELECTRICAL CHARACTERISTICS
(VCC+=+15V, VCC-=-15V, TAMB=25°C(unless otherwise specified))
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIO
RS=10Ω, VO=0V, VIC=0V
0.3
5
mV
Input Offset Voltage Drift
DVIO
RS=10Ω, VO=0V, TMIN.≤TAMB≤TMAX.
2
μV/°C
Input Offset Current
IIO
VO=0V, VIC=0V
25
200
nA
Input Bias Current
IIB
VO=0V, VIC=0V
500
1000
nA
Input Common Mode Voltage Range
VICM
±12
±14
V
Large Signal Voltage Gain
AVD
RL=2Ω, VO=±10V
90
100
dB
Output Voltage Swing
±VOPP
VID=±1V
RL=2.0kΩ
10
13.7
V
RL=2.0kΩ
-14
-10
V
RL=10kΩ
12
13.9
V
RL=10kΩ
-14.4
-12
V
Common-Mode Rejection Ratio
CMR
VIC=±13V
80
100
dB
Supply Voltage Rejection Ratio
SVR
VCC+/ VCC-=+15V/-15V ~ +5V/-5V
80
105
dB
Supply Current
ICC
VO=0V, all amplifiers
4
8
mA
Slew Rate
SR
VI =-10V ~ +10V, RL=2kΩ, AV=+1
5
7
V/μs
Gain Bandwidth Product
GBW
RL=2kΩ, CL=100pF, f=100kHZ
10
15
MHZ
Unity Gain Bandwidth
B
open loop
9
MHZ
Phase Margin
φm
RL=2kΩ
60
Degrees
Equivalent Input Noise Voltage
eN
RS=100Ω, f=1kHZ
4.5
nV/ Hz
Equivalent Input Noise Current
iN
f=1kHZ
0.5
pA/ Hz
Total Harmonic Distortion
THD
RL=2kΩ,f=20HZ ~ f=20kHZ,
VO=3VRMS, AV=+1
0.002
%
Channel Separation
VO1/VO2 f=20HZ ~ f=20kHZ
120
dB
Full Power Bandwidth
PBW
VO=27VPP, RL=2 kΩ, THD≤1%
120
kHZ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com