Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4862G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM4862G-S08-R
Description  AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4862G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM4862G-S08-R Datasheet HTML 1Page - Unisonic Technologies LM4862G-S08-R Datasheet HTML 2Page - Unisonic Technologies LM4862G-S08-R Datasheet HTML 3Page - Unisonic Technologies LM4862G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM4862
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-314.C
AUDIO POWER AMPLIFIER
WITH SHUTDOWN MODE
DESCRIPTION
The UTC LM4862 is a built in bridge-connected form audio
amplifier. In normal operation, it can deliver 500 mW (typ.)
continuous power. The output load of the UTC LM4862 should be
8Ω, the supply voltage should be 5V, and the THD is as low as 1%.
As the most popular amplifiers, LM4862 is also designed to be
able to provide high quality output power with less external
components, such as the output capacitors for coupling, bootstrap
capacitors, or snobbery networks.
In applications, the UTC LM4862 can be specially used as an
ideal in low-power portable systems, for example, portable
computers, desktop computers, and low voltage audio systems, etc.
FEATURES
* Stable Unity Gain
* Gain Configuration can be set by External Components
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LM4862L-D08-T
LM4862G-D08-T
DIP-8
Tube
-
LM4862G-S08-R
SOP-8
Tape Reel
MARKING
DIP-8
SOP-8


Similar Part No. - LM4862G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM4862G-S08-R UTC-LM4862G-S08-R Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results

Similar Description - LM4862G-S08-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4818 NSC-LM4818 Datasheet
431Kb / 16P
350mW Audio Power Amplifier with Shutdown Mode
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
350mW Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4991 NSC-LM4991 Datasheet
543Kb / 15P
3W Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871_03 Datasheet
469Kb / 16P
3W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com