Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH358L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LMH358L-S08-R
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMH358L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LMH358L-S08-R Datasheet HTML 1Page - Unisonic Technologies LMH358L-S08-R Datasheet HTML 2Page - Unisonic Technologies LMH358L-S08-R Datasheet HTML 3Page - Unisonic Technologies LMH358L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LMH358
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R105-048.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
18
V
Input Voltage IN+, IN-
-0.3~VCC+0.3
V
Continuous Power Dissipation (TA=+25°C)
PD
0.7
W
Operating Ambient Temperature Range
TA
-40~+85
°C
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Reflow Temperature (Soldering, 10sec)
TR
260
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
170
°C/W
ELECTRICAL CHARACTERISTICS
(TA=25°C; VCC=5V; VSS=-5V; CL=10pF, RL=10kΩ to 0V; unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supplies
Supply Voltage Range (Note)
VCC-VSS
4.5
16
V
Supply Current
ICC1
VO=0V No Load (Per Amplifier)
0.5
0.75
mA
DC Characteristics
Input Offset Voltage
VIO
3
10
mV
Common Mode Voltage
VCM
Inferred from CMRR Test
VSS-0.5
VCC+0.5
V
Input Bias Current
IB
VCM=0
2
50
nA
Input Impendence
1
GΩ
Open Loop Gain
AV
VO=-4.5V~+4.5V
80
105
dB
Output Voltage Swing High
VOH
4.85
4.92
V
Output Voltage Swing Low
VOL
-4.92
-4.85
V
Short Circuit Current
ISC
±160
mA
Output Current
IO
±50
mA
Power Supply Rejection Ratio
PSRR
5V≤VCC≤16V
60
85
dB
Common-Mode Rejection Ratio
CMRR
VSS≤VCM≤VCC
50
80
dB
Channel Separation
CS
f=100KHz
75
dB
Slew Rate
SR
-4V~+4V 10%~90%
1.3
V/µS
Settle Time (to 0.1% AV=1)
VO=2V Step
450
nS
Bandwidth
RL=10KΩ CL=10pF
4
MHz
Phase Margin
50
degree
Note: Guaranteed by the Power-Supply Rejection Ratio (PSRR) test.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com