Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV321G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LV321G-AF5-R
Description  SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV321G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LV321G-AF5-R Datasheet HTML 1Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 2Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 3Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 4Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 5Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 6Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 7Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 8Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LV321
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1of 10
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R105-036.C
SINGLE GENERAL PURPOSE,
LOW VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC LV321 is a single op amp with low supply current and
low voltage (2.7-5.5V) well economic consideration. It brings nice
performance and to low voltage, low power systems. With a 1MHz
unity-gain frequency, The UTC LV321 has a guaranteed 1 V/µs slew
rate and low supply current. It provides heavy rail-to-rail (R-to-R)
output swing loads and the input common-mode voltage range
including ground. Besides, it is also capable for comfortably driving
large capacitive loads.
The UTC LV321 has bipolar input and CMOS output for
improved noise performance and higher output current drive. It’s the
most cost effective solution for the applications where low voltage
operation, space saving and low price are required.
FEATURES
* 2.7V and 5V Performance Guaranteed
* No Crossover Distortion
* 130µA Low Supply Current
* Rail-to-Rail Output Swing @10kΩ Load: V
+ -10mV
V
- +65mV
* VCM From -0.2V to V
+ -0.8V
ORDERING INFORMATION
Ordering Number
Package
Packing
LV321G-AF5-R
SOT-25
Tape Reel
LV321G-AL5-R
SOT-353
Tape Reel


Similar Part No. - LV321G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LV321G-AF5-R UTC-LV321G-AF5-R Datasheet
520Kb / 11P
SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
LV321G-AF5-R UTC-LV321G-AF5-R Datasheet
427Kb / 10P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
More results

Similar Description - LV321G-AF5-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV358 UTC-LV358 Datasheet
412Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV321 UTC-LV321_11 Datasheet
520Kb / 11P
SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
L6132 UTC-L6132 Datasheet
390Kb / 11P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com