Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV324G-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LV324G-P14-R
Description  OUTPUT OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV324G-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LV324G-P14-R Datasheet HTML 1Page - Unisonic Technologies LV324G-P14-R Datasheet HTML 2Page - Unisonic Technologies LV324G-P14-R Datasheet HTML 3Page - Unisonic Technologies LV324G-P14-R Datasheet HTML 4Page - Unisonic Technologies LV324G-P14-R Datasheet HTML 5Page - Unisonic Technologies LV324G-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LV324
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-A08.b
GENERAL PURPOSE, LOW
VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL
AMPLIFIERS
DESCRIPTION
The UTC LV324 is a quad op amp with low supply current and
low voltage (2.7~5.5V). It brings nice performance to low voltage and
low power systems. With a 1MHz unity-gain frequency. The UTC
LV324
has a guaranteed 1V//μs slew rate and low supply current. It
provides heavy rail-to-rail (R-to-R) output swing loads and the input
common-mode voltage range including ground. Besides, it is also
capable for comfortably driving large capacitive loads.
The UTC LV324 has bipolar input and CMOS output for
improved noise performance and higher output current drive. It’s the
most cost effective solution for the applications where low voltage
operation, space saving and low price are required.
FEATURES
* 4-Channels Op amps
* Rail-to-Rail Output Swing
* Widely Input Common-Mode Voltage Range
* Low Voltage Operation
* Low Supply Current: Typ.=410μA @ V
+ =5V, V-=0V
* Perfect AC characteristics:
GBW: Typ.=1MHz
SR: Typ.=1V/μs
φm: Typ.=60Deg
Gm: Typ.=10dB.
RDERING INFORMATION
Ordering Number
Package
Packing
LV324G-S14-R
SOP-14
Tape Reel
LV324G-P14-R
TSSOP-14
Tape Reel
LV324G-S14-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) S14: SOP-14, P14: TSSOP-14
(3) G: Halogen Free and Lead Free
(3)Green Package
MARKING


Similar Part No. - LV324G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LV324G-P14-R UTC-LV324G-P14-R Datasheet
184Kb / 6P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LV324G-P14-R

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8271 SGMICRO-SGM8271 Datasheet
323Kb / 17P
Output Operational Amplifiers
SGM8272 SGMICRO-SGM8272 Datasheet
323Kb / 17P
Output Operational Amplifiers
SGM8291 SGMICRO-SGM8291 Datasheet
340Kb / 18P
Output Operational Amplifiers
SGM8292 SGMICRO-SGM8292 Datasheet
340Kb / 18P
Output Operational Amplifiers
SGM8294 SGMICRO-SGM8294 Datasheet
340Kb / 18P
Output Operational Amplifiers
SGM8941 SGMICRO-SGM8941 Datasheet
327Kb / 12P
Output Operational Amplifiers
SGM8942 SGMICRO-SGM8942 Datasheet
327Kb / 12P
Output Operational Amplifiers
SGM8951 SGMICRO-SGM8951 Datasheet
337Kb / 13P
Output Operational Amplifiers
SGM8952 SGMICRO-SGM8952 Datasheet
337Kb / 13P
Output Operational Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_15 Datasheet
451Kb / 11P
OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com