Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV358G-SM1-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LV358G-SM1-R
Description  RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV358G-SM1-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LV358G-SM1-R Datasheet HTML 1Page - Unisonic Technologies LV358G-SM1-R Datasheet HTML 2Page - Unisonic Technologies LV358G-SM1-R Datasheet HTML 3Page - Unisonic Technologies LV358G-SM1-R Datasheet HTML 4Page - Unisonic Technologies LV358G-SM1-R Datasheet HTML 5Page - Unisonic Technologies LV358G-SM1-R Datasheet HTML 6Page - Unisonic Technologies LV358G-SM1-R Datasheet HTML 7Page - Unisonic Technologies LV358G-SM1-R Datasheet HTML 8Page - Unisonic Technologies LV358G-SM1-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LV358
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R502-316.D
5V ELECTRICAL CHARACTERISTICS
All limits guaranteed for TJ =25C, V
+=5V, V-=0V, VCM=2.0V, VOUT=V+/2 and RL>1MΩ, unless otherwise specified.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Input Offset Voltage
VOS
1.7
7
mV
Input Common-Mode Voltage Range
VCM
For CMRR≥50dB
0
-0.2
V
4.2
4
V
Output Swing
VOUT
RL=2KΩ to2.5V
VOH
V
+-300 V+-40
mV
VOL
120
300
mV
RL=10KΩ to 2.5V
VOH
V
+-100 V+-10
mV
VOL
65
180
mV
Input Offset Voltage Average Drift
TCVos
5
µV/
C
Input Bias Current
II(BIAS)
15
300
nA
Input Offset Current
II(OFF)
5
50
nA
Common Mode Rejection Ratio
CMRR
0V≤VCM≤4V
50
65
dB
Power Supply Rejection Ratio
PSRR
2.7V≤V
+≤5V
VOUT=1V, VCM=1V
50
60
dB
Large Signal Voltage Gain(Note 1)
GV
RL=2KΩ
15
100
V/mV
Output Short Circuit Current
IOUT
Sourcing, VOUT =0V
5
230
mA
Sinking, VOUT =5V
10
160
mA
Supply Current
ISS
Both Amplifiers
210
440
µA
AC CHARACTERISTICS
Slew Rate
SR
(Note 2)
1
V/µs
Gain Bandwidth Product
GBWP
CL=200pF
1
MHz
Phase Margin
Φm
60
Deg
Gain Margin
Gm
10
dB
Input Referred Voltage Noise
eN
f=1KHz
39
nV
 Hz
Input Referred Current Noise
in
f=1KHz
0.21
pA
 Hz
Notes: 1. RL is connected to V
-. The output voltage is 0.5V≤VOUT≤4.5V.
2. Connected as voltage follower with 3V step input. Number specified is these lower of the positive and
negative slew rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com