Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2100G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # M2100G-S08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2100G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  M2100G-S08-R Datasheet HTML 1Page - Unisonic Technologies M2100G-S08-R Datasheet HTML 2Page - Unisonic Technologies M2100G-S08-R Datasheet HTML 3Page - Unisonic Technologies M2100G-S08-R Datasheet HTML 4Page - Unisonic Technologies M2100G-S08-R Datasheet HTML 5Page - Unisonic Technologies M2100G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M2100
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R105-011.D
ABSOLUTE MAXIMUM RATING (Ta=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+/V-
±3.5
V
Differential Input Voltage
VI(DIFF)
±7
V
DIP-8
500
mW
SOP-8
300
mW
Power Dissipation
TSSOP-8
PD
250
mW
Ambient Operating Temperature
TOPR
-40~ +85
C
Storage Temperature
TSTG
-40~ +125
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V+=5V, Ta=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Offset Voltage
VI(OFF)
Rs≤10kΩ
1
6
mV
Input Bias Current
II(BIAS)
100
300
nA
Operating Current
ICC
VIN=0, RL=
3.5
5
mA
Maximum Output Voltage Swing
VOM
RL≥2.5kΩ
±2
±2.2
V
Input Common Mode Voltage Range
VICM
±1.5
V
Large Signal Voltage Gain
GV
RL≥10kΩ
60
80
dB
Common Mode Rejection Ratio
CMRR
60
74
dB
Supply Voltage Rejection Ratio
SVR
60
80
dB
Slew Rate
SR
VIN=±1V, GV=1
4
V/µS
Gain-Bandwidth product
GB
f=10kHz
12
MHz
Notes: 1. Applied circuit voltage gain is desired to be operated within the range of 3dB~30dB.
2. Special care being required for input common mode voltage range and the oscillation due to the capacitive
load when operating on voltage follower.
3. Special care being required for the oscillation, yet having the gain when the supply voltage is applied at
more than 5V (single supply voltage 5V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com