Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2110G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M2110G-S08-R
Description  MONAURAL MIC AMP. FOR VIDEO CAMERA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2110G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  M2110G-S08-R Datasheet HTML 1Page - Unisonic Technologies M2110G-S08-R Datasheet HTML 2Page - Unisonic Technologies M2110G-S08-R Datasheet HTML 3Page - Unisonic Technologies M2110G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M2110
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R105-027.C
PIN CONFIGURATION
PIN DESCRIPTIONS
PIN NO.
PIN NAME
I/O
DESCRIPTION
1
MIC V+
2
EXT MIC V+
O
External microphone power supply
3
+VIN
I
Microphone amplifier non-inverting input
4
GND
Ground
5
-VIN
I
Microphone amplifier inverting input
6
AMP NFB
7
AMP OUT
O
Amplifier output
8
V+
Power supply
BLOCK DIAGRAM
8
7
6
5
1
2
3
4
MIC
V+
EXT
MIC
V+
13.7kΩ
100kΩ
+
-
444Ω
AMP
MIC V+
EXT MIC V+
+VIN
GND
V+
AMP OUT
AMP NFB
-VIN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com