Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2125G-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # M2125G-AF5-R
Description  SINGLE-SUPPLY OPERTIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2125G-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  M2125G-AF5-R Datasheet HTML 1Page - Unisonic Technologies M2125G-AF5-R Datasheet HTML 2Page - Unisonic Technologies M2125G-AF5-R Datasheet HTML 3Page - Unisonic Technologies M2125G-AF5-R Datasheet HTML 4Page - Unisonic Technologies M2125G-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M2125
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R105-025.G
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
+20
V
Differential Input Voltage
VI(DIFF)
+20
V
Input Voltage (Note 2)
VIN
-0.3 ~ +20
V
Power Dissipation (TC=25°C)
SOT-25
PD
200
mW
SOT-353
110
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-40~ +85
°C
Storage Temperature
TSTG
-40~+125
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. When the supply voltage is less than +20V, the absolute maximum input voltage is equal to the supply
voltage.
THARMAL DATA (TJ=150°C, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
junction to Ambient
SOT-25
θJA
230
°C/W
SOT-353
350
°C/W
ELECTRICAL CHARACTERISTICS(V+=5V, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Offset Voltage
VI(OFF)
RS=0Ω
2
7
mV
Input Offset Current
II(OFF)
5
50
nA
Input Bias Current
II(BIAS)
25
250
nA
Large Signal Voltage Gain
GV
RL≥2kΩ
88
100
dB
Maximum Output Voltage Swings
VOM
RL=2kΩ
3.5
V
Input Common Mode Voltage
VI(CM)
0
3.5
V
Common Mode Rejection Ratio
RR
70
90
dB
Supply Voltage Rejection Ratio
SVR
80
94
dB
Output Source Current
ISOURCE
VIN
+=1V, VIN-=0V
20
30
mA
Output Sink Current
ISINK
VIN
+=0V, VIN-=1V
8
20
mA
Operating Current
ICC
RL=∞
1.0
1.75
mA
Slew Rate
SR
1.2
V/μs
Unity Gain Frequency
fT
1.2
MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com