Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2115G-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2115G-P08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2115G-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M2115G-P08-R Datasheet HTML 1Page - Unisonic Technologies M2115G-P08-R Datasheet HTML 2Page - Unisonic Technologies M2115G-P08-R Datasheet HTML 3Page - Unisonic Technologies M2115G-P08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M2115
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., LTD
QW-R105-021.C
DUAL OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC M2115 is a low operating Voltage(±1.0V min.) and low
saturation output voltage(±2.0V p-p at supply voltage ±2.5V)
operational amplifier. It is applicable to handy type CD,radio
cassete CD, and portable DAT, that are digital audio apparatus
which require the 5V single supply operation and high output
voltage. The UTC M2115 is improved version of the UTC M2100
about BIAS-CIRCUIT. So the UTC M2115 is low saturation
compared to the UTC M2100 under the condition of low supply
voltage(<±2.5V).The UTC M2115 is stable about the oscillation
compared to the UTC M2100 under the condition of V+/V- >2.5V.
FEATURES
* Operating Voltage: ±1V ~±7V
* Low Saturation Output Voltage: ±2.0Vp-p@V+=±2.5V
* Slew Rate: 4V/μs (typ.)
* Unity Gain Bandwidth: 12MHz (typ.)
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
M2115L-D08-T
M2115G-D08-T
DIP-8
Tube
-
M2115G-S08-R
SOP-8
Tape Reel
-
M2115G-P08-R
TSSOP-8
Tape Reel
MARKING
DIP-8
SOP-8
TSSOP-8


Similar Part No. - M2115G-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2115G-P08-R UTC-M2115G-P08-R Datasheet
146Kb / 3P
DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - M2115G-P08-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com