Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2904G-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2904G-SM1-R
Description  DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2904G-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M2904G-SM1-R Datasheet HTML 1Page - Unisonic Technologies M2904G-SM1-R Datasheet HTML 2Page - Unisonic Technologies M2904G-SM1-R Datasheet HTML 3Page - Unisonic Technologies M2904G-SM1-R Datasheet HTML 4Page - Unisonic Technologies M2904G-SM1-R Datasheet HTML 5Page - Unisonic Technologies M2904G-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M2904
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R105-024.G
DUAL OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC M2904 consists of two independent, high gain,
internally frequency compensated operation amplifiers which were
designed specifically to operate from a single power supplies is also
possible and the low power supply current drain is independent of
the magnitude of the power supply voltage.
FEATURES
*Single Supply
*Operating Voltage: +3V~+32V
*Low Operating Current: 0.7mA (typ.)
*Slew Rate: 0.5V/μs (typ.)
DIP-8
SOP-8
TSSOP-8
MSOP-8
ORDERING INFORMATION
Order Number
Lead Free
Halogen Free
Package
Packing
M2904L-D08-T
M2904G-D08-T
DIP-8
Tube
-
M2904G-S08-R
SOP-8
Tape Reel
-
M2904G-SM1-R
MSOP-8
Tape Reel
-
M2904G-P08-R
TSSOP-8
Tape Reel
MARKING
DIP-8
SOP-8 / MSOP-8
TSSOP-8


Similar Part No. - M2904G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2904G-SM1-R UTC-M2904G-SM1-R Datasheet
234Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - M2904G-SM1-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
Unisonic Technologies
UM602-A UTC-UM602-A Datasheet
99Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
Cystech Electonics Corp...
LM358P8 CYSTEKEC-LM358P8 Datasheet
529Kb / 7P
Dual Operational Comparator
LM358Q8 CYSTEKEC-LM358Q8 Datasheet
403Kb / 6P
Dual Operational Comparator
logo
Unisonic Technologies
UM602A UTC-UM602A Datasheet
224Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4556 UTC-MC4556_15 Datasheet
260Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4560 UTC-MC4560_15 Datasheet
181Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
Texas Instruments
TSM102 TI1-TSM102_15 Datasheet
1Mb / 17P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com