Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2904G-P08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # M2904G-P08-R
Description  DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2904G-P08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  M2904G-P08-R Datasheet HTML 1Page - Unisonic Technologies M2904G-P08-R Datasheet HTML 2Page - Unisonic Technologies M2904G-P08-R Datasheet HTML 3Page - Unisonic Technologies M2904G-P08-R Datasheet HTML 4Page - Unisonic Technologies M2904G-P08-R Datasheet HTML 5Page - Unisonic Technologies M2904G-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
M2904
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R105-024.G
TYPICAL CHARACTERISTICS(Cont.)
29
-50
Ambient Temperature, TA (°C)
0
28
27
50
100
Maximum Output Voltage Swing vs. Temperature
150
4
-50
Ambient Temperature, TA (°C)
-25
2
0
0
25
50
-2
-4
75
100 125
Input Offset Voltage vs.Temperature
5
Sink Current, ISINK (μA)
1
4
3
10
100
2
1
1000 10000
Output Voltage vs.Sink Current
(1mA) (10mA)
0
5V
1V
-
+
VoUT
ISINK
-50
0.8
1.4
1.2
1.0
0
-25
0
0.6
0.4
0.2
25
50
75 100 125
Operating Current vs.Temperature
90
-50
Ambient Temperature, TA (°C)
-25
80
70
025
50
60
50
75
100 125
Input Bias Current vs.Temperature
1
3
6
5
4
3
5
Source Current, ISOURCE (mA)
2
1
0
10
20 30 40
Source Current
1V
VoUT
V =15V
+
+
+
-
40
30
20
10
0
V+ =30V,RL=2KΩ
V+ =5V
V+ =5V
V+ =5V
V+=5V,TA=25°C
V+=15V,TA=25°C
V - VoUT
Ambient Temperature, TA (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com