Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC4556G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MC4556G-S08-R
Description  DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC4556G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MC4556G-S08-R Datasheet HTML 1Page - Unisonic Technologies MC4556G-S08-R Datasheet HTML 2Page - Unisonic Technologies MC4556G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC4556G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC4556G-S08-R Datasheet HTML 5Page - Unisonic Technologies MC4556G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC4556
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R105-015.D
ABSOLUTE MAXIMUM RATINGS (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+/V-
±18
V
Differential Input Voltage
VI(DIFF)
±30
V
Input Voltage
VIN
±15(Note 1)
V
DIP-8
700
Power Dissipation
SOP-8
PD
300
mW
Operating Temperature
TOPR
-20 ~ +75
C
Storage Temperature
TSTG
-40 ~ +125
C
Note: 1. For supply voltage less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25C , V+/ V-=±15V)
PARAMETER
SYMBOL
TEST CONDUCTION
MIN
TYP
MAX
UNIT
Input Offset Voltage
VI(OFF)
Rs
 10k
0.5
6
mV
Input Offset Current
II(OFF)
5
60
nA
Input Bias Current
II(BIAS)
50
500
nA
Input Resistance
RIN
0.3
5
M
Large Signal Voltage Gain
Gv
RL  2k, VOUT = ±10V
86
100
dB
Maximum Output Voltage 1
VOM1
RL  2k
±12.0
±13.5
V
Maximum Output Voltage 2
VOM2
RL  150
±10.5
±11.0
V
Input Common Mode Voltage
Range
VI(CM)
±13.5
±14.0
V
Common Mode Rejection Ratio
CMR
Rs
 10k
70
90
dB
Supply Voltage Rejection Ratio
SVR
Rs
10k
76.5
90
dB
Operating Current
Icc
9
12
mA
Slew Rate
SR
3
V/
s
Unity Gain Bandwidth
GBW
8
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com