Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC4560-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MC4560-S08-R
Description  DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC4560-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MC4560-S08-R Datasheet HTML 1Page - Unisonic Technologies MC4560-S08-R Datasheet HTML 2Page - Unisonic Technologies MC4560-S08-R Datasheet HTML 3Page - Unisonic Technologies MC4560-S08-R Datasheet HTML 4Page - Unisonic Technologies MC4560-S08-R Datasheet HTML 5Page - Unisonic Technologies MC4560-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MC4560
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R105-014.B
DUAL OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC MC4560 is a dual operational amplifier suitable for
driving 20V peak-to-peak into 400Ω loads. It offer many features
which provide the capability of wider bandwidth, and higher slew rate
to make it ideal for active filters, data and telecommunications, and
many instrumentation applications.
FEATURES
*Operating Voltage
(±4V~±18V)
*Wide Gain Bandwidth Product. (10MHz typ.)
*Slew Rate
(4V /
µs typ.)
*Bipolar Technology
*Pb-free plating product number: MC4560L
■
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
MC4560-D08-T
MC4560L-D08-T
DIP-8
Tube
MC4560-S08-R
MC4560L-S08-R
SOP-8
Tape Reel
MC4560-S08-T
MC4560L-S08-T
SOP-8
Tube


Similar Part No. - MC4560-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC4560-S08-R UTC-MC4560-S08-R Datasheet
181Kb / 6P
DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - MC4560-S08-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
Unisonic Technologies
UM602-A UTC-UM602-A Datasheet
99Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
Cystech Electonics Corp...
LM358P8 CYSTEKEC-LM358P8 Datasheet
529Kb / 7P
Dual Operational Comparator
LM358Q8 CYSTEKEC-LM358Q8 Datasheet
403Kb / 6P
Dual Operational Comparator
logo
Unisonic Technologies
UM602A UTC-UM602A Datasheet
224Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
M2904 UTC-M2904_15 Datasheet
275Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4556 UTC-MC4556_15 Datasheet
260Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
Texas Instruments
TSM102 TI1-TSM102_15 Datasheet
1Mb / 17P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com