Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC4580G-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MC4580G-SM1-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC4580G-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MC4580G-SM1-R Datasheet HTML 1Page - Unisonic Technologies MC4580G-SM1-R Datasheet HTML 2Page - Unisonic Technologies MC4580G-SM1-R Datasheet HTML 3Page - Unisonic Technologies MC4580G-SM1-R Datasheet HTML 4Page - Unisonic Technologies MC4580G-SM1-R Datasheet HTML 5Page - Unisonic Technologies MC4580G-SM1-R Datasheet HTML 6Page - Unisonic Technologies MC4580G-SM1-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MC4580
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R105-013.H
DUAL OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC MC4580 is the dual operational amplifier, specially
designed for improving the tone control, which is most suitable for
the audio application.
Featuring noiseless, higher gain bandwidth, high output current
and low distortion ratio, and it is most suitable not only for acoustic
electronic parts of audio pre-amp and active filter, but also for the
industrial measurement tools. It is also suitable for the head phone
amp at higher output current, and further more, it can be applied for
the handy type set operational amplifier of general purpose in
application of low voltage single supply type which is properly biased
of the input low voltage source.
FEATURES
*Operating voltage
(±2V ~ ±18V)
*Low input noise voltage
(0.8µVrms typ.)
*Wide gain bandwidth product
(15MHz typ.)
*Low distortion
(0.0005% typ.)
*Slew rate
(5V/µs typ.)
*Bipolar technology
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free Plating
Halogen Free
MC4580L-D08-T
MC4580G-D08-T
DIP-8
Tube
-
MC4580G-S08-R
SOP-8
Tape Reel
-
MC4580G-P08-R
TSSOP-8
Tape Reel
-
MC4580G-SM1-R
MSOP-8
Tape Reel
-
MC4580G-K08-2030-R
DFN-8(2×3)
Tape Reel


Similar Part No. - MC4580G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC4580G-SM1-R UTC-MC4580G-SM1-R Datasheet
315Kb / 6P
DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - MC4580G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com