Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34072G-P08-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # MC34072G-P08-R
Description  HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34072G-P08-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button MC34072G-P08-R Datasheet HTML 3Page - Unisonic Technologies MC34072G-P08-R Datasheet HTML 4Page - Unisonic Technologies MC34072G-P08-R Datasheet HTML 5Page - Unisonic Technologies MC34072G-P08-R Datasheet HTML 6Page - Unisonic Technologies MC34072G-P08-R Datasheet HTML 7Page - Unisonic Technologies MC34072G-P08-R Datasheet HTML 8Page - Unisonic Technologies MC34072G-P08-R Datasheet HTML 9Page - Unisonic Technologies MC34072G-P08-R Datasheet HTML 10Page - Unisonic Technologies MC34072G-P08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MC34072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R105-007.F
TYPICAL CHARACTERISTICS(Cont.)
Normalized Slew Rate vs. Temperature
-55
1.15
125
50
Output Setting Time
10
3.5
-10
0.85
0
0
1.0
-5.0
5.0
1.1
0.95
0.5
1.5
2.0
Settung Time, ts (μs)
VCC = +15V
VEE = -15V
AV = +1.0
RL = 2.0k
CL = 500pF
-25
25
75
100
Ambient Temperature, TA (°C)
0
1.05
0.9
VCC = +15V
VEE = -15V
AV = -1.0
TA = 25°C
1.0mV
1.0mV
10mV
10mV
1.0mV
1.0mV
Compensated
Uncompensated
1.0
2.5
3.0
Common Mode Rejection vs. Frequency
0.1
100
10M
1.0k
Power Supply Rejection vs. Frequency
100
10M
0
0
0.1
10
40
20
80
80
1.0
100 1.0k
Frequency, f (Hz)
1.0
100
100k 1.0M
Frequency, f (Hz)
60
60
20
VCC = +15V
VEE = -15V
TA = 25°C
+PSR
10
10k
100k
VCC = +15V
VEE = -15V
VCM = 0V
ΔVCM = ±1.5V
TA = 125°C
TA = 25°C
TA = -40°C
10k
× ADM
ΔVCM
CMR = 20Log
40
1.0M
ΔVEE
-PSR = 20Log
ΔVCC
+PSR = 20Log
-PSR
(ΔVEE = +1.5V)
(ΔVCC = +1.5V)
-
ADM
+
ΔVCC
ΔVEE
ΔVOUT
ΔVOUT/ADM
ΔVOUT/ADM
ΔVOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com