Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-916-CW-RCL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-916-CW-RCL
Description  Part 15 compliant RP-SMA connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-916-CW-RCL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-916-CW-RCL Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical VSWR
ANT-916-CW-RCL DATA SHEET
Product Dimensions
Description
Features
Electrical Specifications
Ordering Information
0.24”
(6.0)
0.31”
(8.0)
The RCL Series is useful in products where additional
height above the product’s case is needed or a slightly
wider operational bandwidth is desired. The 916MHz
version has a 1/4-wave element. The antennas attach
via a Part 15 compliant RP-SMA connector.
Electrical specifications and plots measured on 4.00” x 4.00” reference ground plane
3.46”
(88.0)
0.65”
(16.6)
VSWR Graph
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
Rev 07-22-08
• Right-angle mount
• Reduced-height whip
• Excellent performance
• Omni-directional pattern
• Fully weatherized
• Rugged & damage-resistant
• Part 15 compliant RP-SMA connector
• Center Freq. 916MHz
• Bandwidth
150MHz
• Wavelength
1/4-wave
• VSWR
<1.7 typ. at center
• Impedance
50 ohms
• Connector
RP-SMA
• ANT-916-CW-RCL
CENTER 900.000MHz
SPAN 200.000MHz
S11 SWR
1.654


Similar Part No. - ANT-916-CW-RCL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-916-CW-RCS ETC2-ANT-916-CW-RCS Datasheet
153Kb / 1P
SMA or Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-916-CW-RCS LINX-ANT-916-CW-RCS Datasheet
382Kb / 2P
The antennas attach via a Part 15 compliant RP-SMA connector.
1/15/15
More results

Similar Description - ANT-916-CW-RCL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-2.4-CW-RAH-RPS ETC2-ANT-2.4-CW-RAH-RPS Datasheet
152Kb / 1P
Part 15 compliant RP-SMA connector
ANT-2.4-CW-RCL ETC2-ANT-2.4-CW-RCL Datasheet
154Kb / 1P
Part 15 compliant RP-SMA connector
ANT-2.4-CW-RH ETC2-ANT-2.4-CW-RH Datasheet
127Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-418-CW-HD ETC2-ANT-418-CW-HD Datasheet
154Kb / 1P
Part 15 compliant RP-SMA connector
ANT-433-CW-HD ETC2-ANT-433-CW-HD Datasheet
154Kb / 1P
Part 15 compliant RP-SMA connector
ANT-433-CW-RAH ETC2-ANT-433-CW-RAH Datasheet
130Kb / 1P
Part 15 compliant RP-SMA connector
ANT-868-CW-HD ETC2-ANT-868-CW-HD Datasheet
152Kb / 1P
Part 15 compliant RP-SMA connector
ANT-868-CW-RAH ETC2-ANT-868-CW-RAH Datasheet
124Kb / 1P
Part 15 compliant RP-SMA connector
ANT-916-CW-HD ETC2-ANT-916-CW-HD Datasheet
152Kb / 1P
Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-315-CW-RAH LINX-ANT-315-CW-RAH Datasheet
380Kb / 2P
Part 15 compliant RP-SMA connector
12/4/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com