Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-DB1-HDP-RPS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-DB1-HDP-RPS
Description  TNC, SMA, or RP-SMA connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-DB1-HDP-RPS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-DB1-HDP-RPS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ANT-DB1-HDP-xxx DATA SHEET
Product Dimensions
Description
Features
Electrical Specifications
Ordering Information
Rev 8-17-10
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
The HDP Series is a compact, center-fed antenna
that achieves efficient operation at any or all of three
frequency bands. Its durable, unobtrusive housing
attaches permanently with integral adhesive to flat,
non-conductive surfaces such as windows, drywall,
ceiling tiles, plastic, etc. The antenna is supplied with
9.8 feet (3m) of RG-174 cable and can be terminated
in a TNC, standard SMA, or FCC Part 15 compliant
RP-SMA connector.
Typical VSWR
S11 SWR
1.282
CENTER
910.000MHz
CENTER 1 825.000MHz
SPAN 200.000MHz
CENTER 2 450.000MHz
1.228
1.438
5.21”
(132.3)
0.79”
(20.0)
0.55”
(14.0)
0.48”
(12.1)
VSWR Graph
• Tri-band (824-960MHz, 1.71-1.99GHz, and 2.401-2.483GHz)
• Center-fed from the side
• Surface-mount
• Low VSWR
• Excellent performance
• Omni-directional pattern
• Fully weatherized, durable & unobtrusive
• TNC, SMA, or RP-SMA connector
• Recm. Freq. Range
Band 1 824-960MHz
Band 2 1.71-1.99GHz
Band 3 2.40-2.48GHz
• Wavelength
1/2-wave
• VSWR
Band 1 ≤1.5 typ. at center
Band 2 ≤1.9 typ. at center
Band 3 ≤1.9 typ. at center
• Impedance
50 ohms
• Connector
TNC, SMA, or RP-SMA
• Cable
9.8’ RG-174 coax
• ANT-DB1-HDP-TNC (with TNC connector)
• ANT-DB1-HDP-SMA (with SMA connector)
• ANT-DB1-HDP-RPS (with RPS connector)
0.31”
(7.9)
TNC
Connector
SMA,
RP-SMA
Connector


Similar Part No. - ANT-DB1-HDP-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-DB1-LP-RM-01-N ETC2-ANT-DB1-LP-RM-01-N Datasheet
534Kb / 1P
The Antenna Factor Log Periodic antenna is designed for long-distance directional communication over a wide range of frequencies.
logo
Linx Technologies
ANT-DB1-LP-RM-01-N LINX-ANT-DB1-LP-RM-01-N Datasheet
444Kb / 2P
Excellent performance over common frequency antennas
2/20/2018
logo
List of Unclassifed Man...
ANT-DB1-RAF-RPS ETC2-ANT-DB1-RAF-RPS Datasheet
3Mb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
logo
Red Lion Controls. Inc
ANT-DB1-RAF-RPSMA REDLION-ANT-DB1-RAF-RPSMA Datasheet
1Mb / 2P
Compact Dual-Band 1/2 Wave Antenna
logo
List of Unclassifed Man...
ANT-DB1-RAF-SMA ETC2-ANT-DB1-RAF-SMA Datasheet
3Mb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
More results

Similar Description - ANT-DB1-HDP-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-2.4-CW-QW-RPS ETC2-ANT-2.4-CW-QW-RPS Datasheet
870Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-2.4-CW-RCS ETC2-ANT-2.4-CW-RCS Datasheet
153Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-2.4-CW-RH ETC2-ANT-2.4-CW-RH Datasheet
127Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-315-CW-RCS ETC2-ANT-315-CW-RCS Datasheet
131Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-315-CW-RH ETC2-ANT-315-CW-RH Datasheet
130Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-868-CW-RCS ETC2-ANT-868-CW-RCS Datasheet
174Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-916-CW-RH ETC2-ANT-916-CW-RH Datasheet
153Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
RP-SMA or TNC connector
ANT-DB1-VDP-TNC ETC2-ANT-DB1-VDP-TNC Datasheet
197Kb / 1P
TNC, SMA or RP-SMA connector
logo
Linx Technologies
ANT-2.4-CW-RCS LINX-ANT-2.4-CW-RCS Datasheet
367Kb / 2P
SMA or Part 15 compliant RP-SMA connector
1/15/15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com