Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-DB1-RMS-RPS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-DB1-RMS-RPS
Description  RP-SMA or TNC connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-DB1-RMS-RPS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-DB1-RMS-RPS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Designed for permanent mounting through a
metal surface such as an automobile roof or
trunk, the compact RMS Series offers excellent
performance in a durable and unobtrusive
housing. The antenna may be operated at either
or both of two frequency bands. It is supplied
with 14.1 feet (4.3m) of RG-58 cable and can be
terminated in an FCC Part 15 compliant RP-
SMA connector or a TNC connector.
Features
ANT-DB1-RMS-xxx DATA SHEET
Product Dimensions
Description
0.31”
(8.0)
0.39”
(10.0)
3.06”
(77.8)
1.65”
(42.0)
0.93”
(23.6)
1.14”
(29.0)
Standard
0.525-0.550”
(13.34-13.97)
Anti-Rotation
0.452-0.455”
(11.48-11.56)
0.52”
(13.1)
0.44”
(11.3)
Suggested Mounting Holes
Electrical Specifications
Ordering Information
Rev 09-9-08
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
VSWR Graph
Typical VSWR
S11 SWR
1.894
CENTER
868.000MHz
CENTER 1 800.000MHz
SPAN 200.000MHz
1.221
0.28”
(7.0)
• Dual-band (860-960MHz and 1.8GHz)
• Compact & unobtrusive
• Through-hole mount
• Low VSWR
• Excellent performance
• Omni-directional pattern
• Fully weatherized
• Rugged & damage-resistant
• RP-SMA or TNC connector
• Freq. Bands. Band 1 860-960MHz
Band 2 1.8GHz
• Bandwidth
200MHz
• Wavelength
1/4-wave
• VSWR
<2.0 typ. at center
• Impedance
50 ohms
• Connector
RP-SMA or TNC
• Cable
14.1’ RG-58 coax
• ANT-DB1-RMS-RPS (with RP-SMA connector)
• ANT-DB1-RMS-TNC (with TNC connector)


Similar Part No. - ANT-DB1-RMS-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-DB1-RMT-RPS ETC2-ANT-DB1-RMT-RPS Datasheet
173Kb / 1P
Omni-directional pattern
ANT-DB1-RMT-TNC ETC2-ANT-DB1-RMT-TNC Datasheet
173Kb / 1P
Omni-directional pattern
More results

Similar Description - ANT-DB1-RMS-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-2.4-CW-QW-RPS ETC2-ANT-2.4-CW-QW-RPS Datasheet
870Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-2.4-CW-RCS ETC2-ANT-2.4-CW-RCS Datasheet
153Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-2.4-CW-RH ETC2-ANT-2.4-CW-RH Datasheet
127Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-315-CW-RCS ETC2-ANT-315-CW-RCS Datasheet
131Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-315-CW-RH ETC2-ANT-315-CW-RH Datasheet
130Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-868-CW-RCS ETC2-ANT-868-CW-RCS Datasheet
174Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-916-CW-RH ETC2-ANT-916-CW-RH Datasheet
153Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-DB1-HDP-TNC ETC2-ANT-DB1-HDP-TNC Datasheet
218Kb / 1P
TNC, SMA, or RP-SMA connector
ANT-DB1-VDP-TNC ETC2-ANT-DB1-VDP-TNC Datasheet
197Kb / 1P
TNC, SMA or RP-SMA connector
logo
Linx Technologies
ANT-2.4-CW-RCS LINX-ANT-2.4-CW-RCS Datasheet
367Kb / 2P
SMA or Part 15 compliant RP-SMA connector
1/15/15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com