Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX997ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX997ESA
Description  Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX997ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX997ESA Datasheet HTML 1Page - Maxim Integrated Products MAX997ESA Datasheet HTML 2Page - Maxim Integrated Products MAX997ESA Datasheet HTML 3Page - Maxim Integrated Products MAX997ESA Datasheet HTML 4Page - Maxim Integrated Products MAX997ESA Datasheet HTML 5Page - Maxim Integrated Products MAX997ESA Datasheet HTML 6Page - Maxim Integrated Products MAX997ESA Datasheet HTML 7Page - Maxim Integrated Products MAX997ESA Datasheet HTML 8Page - Maxim Integrated Products MAX997ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, VCM = 0V, COUT = 5pF, VSHDN = 0V, VLE = 0V, unless otherwise noted.) (Note 1)
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V,
Beyond-the-Rails Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VCC to GND................................... -0.3V to +6V
All Other Pins..............................................-0.3V to (VCC + 0.3V)
Duration of Output Short Circuit to GND or VCC .......Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C).......571mW/°C
8-Pin SO (derate 5.88mW/°C above +70°C)...........471mW/°C
8-Pin µMAX (derate 4.10mW/°C above +70°C) ......330mW/°C
14-Pin SO (derate 8.33mW/°C above +70°C).........667mW/°C
16-Pin SO (derate 8.70mW/°C above +70°C).........696mW/°C
16-Pin QSOP (derate 8.33mW/°C above +70°C)....667mW/°C
Operating Temperature Range
MAX96_E/MAX99_E.........................................-40°C to +85°C
Storage Temperature Range ............................ -65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
VOUT = 1.4V, VCC = 2.7V
ISINK = 4mA
ISOURCE = 4mA
VCM = 0V (Note 6)
(Note 2)
Inferred by PSRR
VCC = 5V
VCC = 5V
VCM = - 0.1V
or 5.1V,
VCC = 5V
(Note 3)
mA
30
60
Capacitive Slew Current
V
0.52
VOL
Output Low Voltage
V
VCC - 0.52
VOH
Output High Voltage
mV/V
0.05
0.3
PSRR
Power-Supply Rejection Ratio
kΩ
130
RINCM
Common-Mode Input Impedance
kΩ
8
RIND
Differential Input Impedance
pF
3
Input Capacitance
V
-0.1
VCC + 0.1
VCMR
V
2.7
5.5
VCC
Supply Voltage
Input Common-Mode Voltage
Range
mV
±2.0
±3.5
VTRIP
Input-Referred Trip Points
±2.0
±3.5
TA = +25°C
0.52
VCC - 0.52
0.3
-0.1
VCC + 0.1
2.7
5.5
±4.0
±6.5
TMIN to TMAX
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MIN
MAX
µMAX,
SOT23
All other
packages
µMAX,
SOT23
VCM = - 0.1V
or 5.1V,
VCC = 5V
(Note 4)
All other
packages
mV
±0.5
±1.5
VOS
Input Offset Voltage
±0.5
±1.5
±2.0
±4.5
VCC = 5V,
VCM = -0.1V
to 5.1V
(Note 5)
mV/V
0.1
0.3
CMRR
Common-Mode Rejection Ratio
1.0
µMAX,
SOT23
VIN+ =
VIN- = 0V
or VCC,
VCC = 5V
All other
packages
µA
±15
IB
Input Bias Current
±15
±15
±30
mV
Input-Referred Hysteresis
3.5
VCC = 5.5V, VIN- = 0V,
IIN+ = 100µA
V
2.1
Differential Input Clamp Voltage
µMAX,
SOT23
All other
packages
0.1
0.3
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com