Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR8062 Datasheet(PDF) 3 Page - Solid State Optronic

Part # STR8062
Description  High Blocking Voltage (600V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

STR8062 Datasheet(HTML) 3 Page - Solid State Optronic

  STR8062 Datasheet HTML 1Page - Solid State Optronic STR8062 Datasheet HTML 2Page - Solid State Optronic STR8062 Datasheet HTML 3Page - Solid State Optronic STR8062 Datasheet HTML 4Page - Solid State Optronic STR8062 Datasheet HTML 5Page - Solid State Optronic STR8062 Datasheet HTML 6Page - Solid State Optronic STR8062 Datasheet HTML 7Page - Solid State Optronic STR8062 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STR8062
Random Phase
600V / 0.8A
AC Solid State Relay
STR8062 Performance & Characteristics Plots, T
A = 25°C (unless otherwise specified)
© 2014 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 8
STR8062 H/S/TR
Rev 3.10 (09/26/2014)
002167



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com