Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SYZ6080 Datasheet(PDF) 2 Page - Solid State Optronic

Part # SYZ6080
Description  Low Input Control Current (5mA MAX)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SYZ6080 Datasheet(HTML) 2 Page - Solid State Optronic

  SYZ6080 Datasheet HTML 1Page - Solid State Optronic SYZ6080 Datasheet HTML 2Page - Solid State Optronic SYZ6080 Datasheet HTML 3Page - Solid State Optronic SYZ6080 Datasheet HTML 4Page - Solid State Optronic SYZ6080 Datasheet HTML 5Page - Solid State Optronic SYZ6080 Datasheet HTML 6Page - Solid State Optronic SYZ6080 Datasheet HTML 7Page - Solid State Optronic SYZ6080 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 8
SYZ6080 /H/S/TR
Rev 2.00 (11/25/2013)
001764
SYZ6080
DC Input
800V
Photo SCR / Thyristor
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.2
1.5
V
IF = 10mA
LED Reverse Voltage
BVR
5
-
-
V
IR = 10μA
Reverse Leakage Current
IInRleak
-
-
10
A
VR = 5μA
Trigger (Must Operate) Current
1
IInOn
-
2.5
5
mA
IO = 400mA
Output Specifications
Forward Blocking Voltage
VDM
800
-
-
V
RGK=10kΩ, TA=100°C, ID=150A
Reverse Blocking Voltage
VRM
800
-
-
V
RGK=10kΩ, TA=100°C, IR=150A
Continuous Load Current
IDM
-
-
400
mA
IF = 5mA
Transient Surge Current
IDM (PEAK)
-
-
10
A
T = 16
S
On-State Voltage
VTM
-
1.1
1.4
V
IF = 5mA, IDM = 400mA
Forward Leakage Current
IDM
-
1
10
A
RGK=10kΩ, TA=100°C, VDM=800V, IF=0
Reverse Leakage Current
IRM
-
1
10
A
RGK=10kΩ, TA=100°C, VRM=800V, IF=0
Gate Trigger Voltage
VGT
-
0.6
1
V
VFX=100V, RGK=27kΩ, RL=10kΩ
Gate Trigger Current
IGT
-
20
50
A
VFX=100V, RGK=27kΩ, RL=10kΩ
Critical Rate of Rise
2
dV/dt
400
-
-
V/
S
-
Isolation Specifications
Isolation Voltage
VISO
3750
VRMS
RH ≤ 50%, t=1min
(-H Option)
5000
-
-
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
Note 1:
Resistive load. For inductive loads, higher drive current is recommended
Note 2:
This is for static dV/dt.
Electrical Characteristics, TA = 25°C (unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com