Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2092B Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2092B
Description  18-32GHz Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2092B Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2092B Datasheet HTML 1Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 2Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 3Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 4Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 5Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHA2092b
RoHS COMPLIANT
Ref. : DSCHA20921233 21-August-01
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
18-32GHz Low Noise Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2092 is a high gain broadband three-
stage
monolithic
low noise
amplifier. It is
designed for a wide range of applications, from
military
to
commercial
communication
systems. The backside of the chip is both RF
and DC ground. This helps simplify the assembly
process. Self biasing technique is implemented
on chip to ease the circuit biasing.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
■ Broadband performances: 18-32GHz
■ 2.5dB Noise Figure
■ 10dBm output power (-1dB gain comp.)
■ 22dB ±1.0dB gain
■ Low DC power consumption, 60mA @ 3.5V
■ Chip size:
1.67 X 0.97 X 0.10mm
Vgs1
Vgs2,3
Vds
IN
OUT
8831
0
5
10
15
20
25
30
15 17 19 21 23 25 27 29 31 33 35
Frequency (GHz)
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
18
32
GHz
G
Small signal gain
17
22
dB
NF
Noise figure (20-32GHz)
2.5
3.5
dB
P1dB
Output power at 1dB gain compression
8
10
dBm
Id
Bias current
60
100
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHA2092B

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2092B UMS-CHA2092B Datasheet
87Kb / 6P
18-32GHz Low Noise Amplifier
CHA2092B99F/00 UMS-CHA2092B99F/00 Datasheet
87Kb / 6P
18-32GHz Low Noise Amplifier
More results

Similar Description - CHA2092B

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2069 UMS-CHA2069 Datasheet
167Kb / 8P
18-31GHz Low Noise Amplifier
CHA2069RAF UMS-CHA2069RAF Datasheet
171Kb / 7P
18-31GHz Low Noise Amplifier
CHA2092B UMS-CHA2092B Datasheet
87Kb / 6P
18-32GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA8344-SCC TRIQUINT-TGA8344-SCC Datasheet
499Kb / 11P
2 - 18 GHz Low Noise Amplifier
logo
United Monolithic Semic...
CHA2069-QDG UMS-CHA2069-QDG Datasheet
439Kb / 18P
18-30GHz Low Noise Amplifier
CHA2693-QAG UMS-CHA2693-QAG Datasheet
414Kb / 12P
18-30GHz Low Noise Amplifier
CHA2069-99F UMS-CHA2069-99F_15 Datasheet
261Kb / 8P
18-31GHz Low Noise Amplifier
CHA2069-FAA UMS-CHA2069-FAA_15 Datasheet
383Kb / 10P
16-32GHz Low Noise Amplifier
CHA2260-QAG UMS-CHA2260-QAG_15 Datasheet
555Kb / 14P
18-27GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD157 MMIC-CMD157 Datasheet
214Kb / 9P
6-18 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com