Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2093 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2093
Description  20-30GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2093 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2093 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2093 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2093 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2093 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2093 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2093 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2093 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2093 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
20-30GHz Low Noise Amplifier
CHA2093
Ref. : DSCHA20933279 - 06 Oct 03
3/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Results
Chip Typical Response (On wafer Sij)
Tamb = +25°C
Bias Conditions : Vd = +4V Id=45mA
Freq
GHz
MS11
dB
PS11
°
MS12
dB
PS12
°
MS21
dB
PS21
°
MS22
dB
PS22
°
10
-1.36
140
-62.29
-138.5
4.35
51.6
-16.6
151.6
11
-1.98
121.9
-58.39
-130.1
7.36
27.2
-16.75
145.1
12
-2.93
101.1
-53.05
-130.3
9.77
0.8
-16.67
137.9
13
-4.5
77.7
-49.08
-146.8
11.61
-26.2
-16.77
129.8
14
-6.8
50.1
-46.97
-163.9
12.9
-53.2
-17.47
122.7
15
-10.02
16.4
-44.52
173.2
13.86
-78.7
-17.67
122.2
16
-13.47
-30
-42.23
160.2
14.55
-103.5
-18.06
118.4
17
-14.68
-86
-40.43
138.2
15
-127
-18.55
118.4
18
-13.76
-131
-39.41
126.2
15.36
-149.8
-18.7
125.4
19
-12.83
-159.2
-38
104.7
15.69
-171.8
-17.9
131.3
20
-13.51
177.8
-36.01
92.4
15.79
165.6
-15.62
131.1
21
-14.3
170.9
-34.99
63.7
15.96
144.3
-14.48
127
22
-14.74
167.2
-34.53
46.8
15.98
122.3
-13.4
120.5
23
-14.63
168
-34.46
24.6
15.84
102.1
-12.6
116.3
24
-14.15
163.4
-33.67
6.3
15.75
80.9
-11.67
107.1
25
-13.71
155.8
-33.27
-7.6
15.6
60.2
-11.4
100.6
26
-13.42
145.5
-32.65
-29.3
15.55
40.3
-11.3
96.1
27
-13.54
124.4
-32.6
-51.5
15.46
18.6
-10.33
91.6
28
-14.43
100.2
-32.49
-68.3
15.48
-2.8
-9.98
85.7
29
-14.48
56.9
-31.69
-88.8
15.48
-27.3
-8.88
80.2
30
-12.87
5.6
-31.87
-115.7
15.24
-53
-7.99
70.5
31
-8.84
-37.4
-31.22
-140.4
14.69
-82.2
-6.86
58.1
32
-5.55
-73.3
-31.23
-171
13.43
-112.8
-6.35
40.1
33
-3.72
-101.3
-32.96
159.7
11.43
-141.9
-6.69
20.4
34
-2.5
-123.2
-34.73
134.8
9.01
-168.7
-7.51
1.5
35
-1.88
-141.2
-35.69
121.6
6.2
167.5
-8.65
-17
36
-1.52
-155.7
-35.69
98
3.35
145.9
-9.92
-36.6
37
-1.32
-167.5
-37.95
72.2
0.36
125.7
-11.17
-56.5
38
-1.07
-177.6
-38.15
56.8
-2.78
107.4
-12.15
-78.9
39
-0.93
172.6
-43.41
86.9
-6.02
89
-12.5
-103.1
40
-0.82
164.7
-43.1
76.9
-9.59
71.9
-12.27
-127.3
41
-0.68
157.2
-43.1
44.4
-13.6
55.3
-11.82
-148.5
42
-0.52
149.5
-43.23
39.6
-18.24
40.2
-10.89
-166.3
43
-0.5
142
-44.08
24
-24.6
27.2
-9.87
-179.6
44
-0.41
135.3
-45.8
21
-35.19
30.1
-8.91
167.4
45
-0.37
128.4
-45.05
18.1
-37.14
126.8
-8.04
156.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com