Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX536ASD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MX536ASD
Description  True RMS-to-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX536ASD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MX536ASD Datasheet HTML 1Page - Maxim Integrated Products MX536ASD Datasheet HTML 2Page - Maxim Integrated Products MX536ASD Datasheet HTML 3Page - Maxim Integrated Products MX536ASD Datasheet HTML 4Page - Maxim Integrated Products MX536ASD Datasheet HTML 5Page - Maxim Integrated Products MX536ASD Datasheet HTML 6Page - Maxim Integrated Products MX536ASD Datasheet HTML 7Page - Maxim Integrated Products MX536ASD Datasheet HTML 8Page - Maxim Integrated Products MX536ASD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
True RMS-to-DC Converters
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—MX636 (continued)
(TA = +25°C, +VS = +3V, -VS = -5V, unless otherwise noted.)
IREF
±2.8
2
4
8
±2
Input Signal Range
µA
Peak Transient
±5
VPK
Safe Input
IREF Range
±12
VPK
Input Resistance
5.33
6.7
8.00
k
Ω
1
50
MX636J
±0.5
mV
Input Offset Voltage
MX636K
±0.2
µA
MX636J
±0.5
TA = +25°C
MX636K
±0.2
mV
IOUT Scale Factor
TA = TMIN to TMAX
±10
With Supply Voltage
±0.1
µV/°C
100
Offset Voltage
µA/VRMS
IOUT Scale Factor Tolerance
+3V, -5V Supplies
0 to 1
Output Voltage Swing
±5V to ±16.5V Supplies
0 to 1
1.4
V
-20
±10
+20
%
Output Resistance
8
10
12
k
Ω
UNITS
MIN
TYP
MAX
CONDITIONS
PARAMETER
MX636J
±0.3
±0.5
Error
7mV
≤ VIN ≤ 300mV
MX636K
±0.1
±0.2
Scale Factor
-3
mV/dB
Scale Factor Tempco
Output Resistance
0 to 200
+0.33
%/°C
8
10
12
k
Ω
Voltage Compliance
-VS to
(+VS - 2.0)
V
Continuous RMS, All Supplies
All Supplies
±5V Supplies
±2.5V Supplies
+3V, -5V Supplies
mVRMS
Input and Output Voltage Range
-VS to
(+VS - 2)
V
RS = 10kΩ
±0.8
±2
mV
Input Offset Voltage
±0.5
±1
Input Current
100
300
nA
Input Resistance
108
Ω
Source
+5
mA
Output Current
Sink
-130
µA
Short-Circuit Current
20
mA
Small-Signal Bandwidth
1
MHz
Slew Rate (Note 9)
5
V/µs
0dB = 1VRMS
MX636J
MX636K
-0.033
dB/°C
mV/V
dB
INPUT CHARACTERISTICS
OUTPUT CHARACTERISTICS (Note 5)
dB OUTPUT
IOUT TERMINAL
BUFFER AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com