Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX536ASH Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MX536ASH
Description  True RMS-to-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX536ASH Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MX536ASH Datasheet HTML 4Page - Maxim Integrated Products MX536ASH Datasheet HTML 5Page - Maxim Integrated Products MX536ASH Datasheet HTML 6Page - Maxim Integrated Products MX536ASH Datasheet HTML 7Page - Maxim Integrated Products MX536ASH Datasheet HTML 8Page - Maxim Integrated Products MX536ASH Datasheet HTML 9Page - Maxim Integrated Products MX536ASH Datasheet HTML 10Page - Maxim Integrated Products MX536ASH Datasheet HTML 11Page - Maxim Integrated Products MX536ASH Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ly proportional to the value of CAV. Waveforms with high
crest factors, such as a pulse train with low duty cycle,
should have an average time constant chosen to be at
least ten times the signal period.
Using a large value of CAV to remove the output ripple
increases the settling time for a step change in the input
signal level. Figure 3 shows the relationship between
CAV and settling time, where 115ms settling equals 1µF
of CAV. The settling time, or time for the RMS converter to
settle to within a given percent of the change in RMS
level, is set by the averaging time constant, which varies
approximately 2:1 between increasing and decreasing
input signals. For example, increasing input signals
require 2.3 time constants to settle to within 1%, and 4.6
time constants for decreasing signals levels.
In addition, the settling time also varies with input signal
levels, increasing as the input signal is reduced, and
decreasing as the input is increased as shown in
Figures 6a and 6b.
Using Post Filters
A post filter allows a smaller value of CAV, and reduces
ripple and improves the overall settling time. The value
of CAV should be just large enough to give the maxi-
mum DC error at the lowest frequency of interest. The
post filter is used to remove excess output ripple.
Figures 7, 8, and 9 give recommended filter connec-
tions and values for both the MX536A and MX636.
Table 1 lists the number of time constants required for
the RMS section to settle to within different percentages
of the final value for a step change in the input signal.
Decibel Output (dB)
The dB output of the MX536A/MX636 originates in the
squarer/divider section and works well over a 60dB
range. The connection for dB measurements is shown
in Figure 10. The dB output has a temperature drift of
0.03dB/°C, and in some applications may need to be
compensated. Figure 10 shows a compensation
scheme. The amplifier can be used to scale the output
for a particular application. The values used in Figure
10 give an output of +100mV/dB.
True RMS-to-DC Converters
_______________________________________________________________________________________
9
10
0
1
2.5
1m
100m
10
1
5
7.5
RMS INPUT LEVEL (V)
10m
MX536A
Figure 6a. MX536A Settling Time vs. Input Level
10
0
1
2.5
1m
100m
1
5
7.5
RMS INPUT LEVEL (V)
10m
MX636
Figure 6b. MX636 Settling Time vs. Input Level
Settling Time
to Within
Stated % of
New RMS
Level
1%
0.1%
0.01%
4.6
τ/4.6τ
6.9
τ/6.9τ
9.2
τ/9.2τ
Table 1. Number of RC Time Constants
(
τ) Required for MX536A/MX636 RMS
Converters to Settle to Within Stated % of
Final Value
FOR
DECREASING
AMPLITUDES
Basic Formulas
PARAMETERS
Note:
(
τ) Settling Times for Linear RC Filter
4.6
τ/2.0τ
6.9
τ/3.1τ
9.2
τ/4.2τ
FOR
INCREASING
AMPLITUDES
∆V 1 - e-T/RC
∆V
e-T/RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com