Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-S12EB7C Datasheet(PDF) 1 Page - HB Electronic Components

Part # LED-S12EB7C
Description  Highest Flux Blue
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LED-S12EB7C Datasheet(HTML) 1 Page - HB Electronic Components

  LED-S12EB7C Datasheet HTML 1Page - HB Electronic Components LED-S12EB7C Datasheet HTML 2Page - HB Electronic Components LED-S12EB7C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STAR
Page:
1 of 3
(07
5
Part No.
S12EB7C
Features
z Highest Flux Blue
z High reliability and Very long operating life
(up to 100K hours)
z Low voltage DC operated
z More Energy Efficient than Incandescent
and most Halogen lamps
z Superior ESD protection
z
Typical Applications
z Decorative
z Portable(flashlight,bicycle)
z Automotive Exterior(Stop-Tail-Turn,
CHMSL,Mirror Side Repeat)
z
NOTE:
z All dimensions are millimetres.
z Tolerance is f0.1mm unless otherivise noted
60¡ ã
30¡ ã
1.0
90¡ã
0.5
1.0
0.5
Ta=25¡ ã
C
IF=20mA
60¡ ã
30¡ ã
90¡ ã
0
0¡ ã
0¡ ã
DIRECTIVITY
Radiation Angle


Similar Part No. - LED-S12EB7C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
LED-S12LG2C HB-LED-S12LG2C Datasheet
329Kb / 3P
Highest Flux Pure Green
LED-S12LR2C HB-LED-S12LR2C Datasheet
177Kb / 2P
Highest Flux Red
LED-S12LY9C HB-LED-S12LY9C Datasheet
167Kb / 2P
Highest Flux Yellow
LED-S12N3W6C HB-LED-S12N3W6C Datasheet
86Kb / 2P
Highest Flux White
LED-S12PW3C HB-LED-S12PW3C Datasheet
86Kb / 2P
Highest Flux White
More results

Similar Description - LED-S12EB7C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
E12GB7C HB-E12GB7C Datasheet
281Kb / 3P
Highest Flux Blue
E12NW6C HB-E12NW6C Datasheet
270Kb / 4P
Highest Flux White
S12GB7C HB-S12GB7C Datasheet
170Kb / 3P
Highest Flux Blue
S30EB7C HB-S30EB7C Datasheet
240Kb / 3P
Highest Flux Blue
S30NW6C HB-S30NW6C Datasheet
227Kb / 4P
Highest Flux White
S70GB7C HB-S70GB7C Datasheet
119Kb / 3P
Highest Flux BLUE
20VAL12HW6C HB-20VAL12HW6C Datasheet
116Kb / 2P
Highest Flux
E12RGB-3W HB-E12RGB-3W Datasheet
682Kb / 1P
Highest Luminous Flux
LED-10VAL12HW3C HB-LED-10VAL12HW3C Datasheet
56Kb / 2P
Highest Flux
LED-S12LY9C HB-LED-S12LY9C Datasheet
167Kb / 2P
Highest Flux Yellow
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com