Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-S12LG2C Datasheet(PDF) 1 Page - HB Electronic Components

Part # LED-S12LG2C
Description  Highest Flux Pure Green
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LED-S12LG2C Datasheet(HTML) 1 Page - HB Electronic Components

  LED-S12LG2C Datasheet HTML 1Page - HB Electronic Components LED-S12LG2C Datasheet HTML 2Page - HB Electronic Components LED-S12LG2C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STAR
Page:
1 of 3
(07
Part No. S12LG2C
Features
Highest Flux
Pure Green
High reliability and Very long operating life
(up to 100K hours)
Low voltage DC operated
More Energy Efficient than Incandescent
and most Halogen lamps
NO UV
Superior ESD protection
Typical Applications
Decorative
Portable(flashlight,bicycle)
Automotive Exterior(Stop-Tail-Turn,
CHMSL,Mirror Side Repeat)
NOTE:
All dimensions are millimetres.
Tolerance is f 0.1mm unless otherivise noted
60¡ ã
30¡ ã
1.0
90¡ ã
0.5
1.0
0.5
Ta=25¡ ãC
IF=20mA
60¡ ã
30¡ ã
90¡ ã
0
0¡ ã
0¡ ã
DIRECTIVITY
Radiation Angle


Similar Part No. - LED-S12LG2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
LED-S12LR2C HB-LED-S12LR2C Datasheet
177Kb / 2P
Highest Flux Red
LED-S12LY9C HB-LED-S12LY9C Datasheet
167Kb / 2P
Highest Flux Yellow
More results

Similar Description - LED-S12LG2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
E12KG2C HB-E12KG2C Datasheet
345Kb / 3P
Highest Flux Pure Green
E12NW6C HB-E12NW6C Datasheet
270Kb / 4P
Highest Flux White
S12KG2C HB-S12KG2C Datasheet
259Kb / 3P
Highest Flux Pure Green
S30KG2C HB-S30KG2C Datasheet
114Kb / 3P
Highest Flux Green
S30NW6C HB-S30NW6C Datasheet
227Kb / 4P
Highest Flux White
S70KG2C HB-S70KG2C Datasheet
206Kb / 3P
Highest Flux Pure Green
20VAL12HW6C HB-20VAL12HW6C Datasheet
116Kb / 2P
Highest Flux
E12LG2C HB-E12LG2C Datasheet
127Kb / 4P
Highest Flux Green
E12RGB-3W HB-E12RGB-3W Datasheet
682Kb / 1P
Highest Luminous Flux
LED-10VAL12HW3C HB-LED-10VAL12HW3C Datasheet
56Kb / 2P
Highest Flux
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com