Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-S12LR2C Datasheet(PDF) 1 Page - HB Electronic Components

Part # LED-S12LR2C
Description  Highest Flux Red
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LED-S12LR2C Datasheet(HTML) 1 Page - HB Electronic Components

  LED-S12LR2C Datasheet HTML 1Page - HB Electronic Components LED-S12LR2C Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.ledz.com
LED SPECIFICATION
Page: 1 of 1
Part No. :
Features:
Highest Flux Red
High reliability and Very long operating life
-
--
Low voltage DC operated
More Energy Efficient
NO UV
Superior ESD protection
RoHS Compliant
Typical Applications:
Reading lights
Portable
Automotive Exterior
Decorative
Radiation Angle
DIRECTIVITY
0
90°
30°
60°
Ta=25°C
IF=350mA
0.5
1.0
0.5
90°
1.0
30°
60°
NOTE:
All dimensions are millimeter.
Tolerance is ±0.1mm unless otherwise noted
Unit: mm


Similar Part No. - LED-S12LR2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
LED-S12LG2C HB-LED-S12LG2C Datasheet
329Kb / 3P
Highest Flux Pure Green
LED-S12LY9C HB-LED-S12LY9C Datasheet
167Kb / 2P
Highest Flux Yellow
More results

Similar Description - LED-S12LR2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
E12GR2C HB-E12GR2C Datasheet
294Kb / 3P
Highest Flux RED
E12NW6C HB-E12NW6C Datasheet
270Kb / 4P
Highest Flux White
S12GR2C HB-S12GR2C Datasheet
209Kb / 3P
Highest Flux RED
S30GR2C HB-S30GR2C Datasheet
115Kb / 3P
Highest Flux Red
S30NW6C HB-S30NW6C Datasheet
227Kb / 4P
Highest Flux White
S70GR2C HB-S70GR2C Datasheet
116Kb / 3P
Highest Flux RED
20VAL12HW6C HB-20VAL12HW6C Datasheet
116Kb / 2P
Highest Flux
E12RGB-3W HB-E12RGB-3W Datasheet
682Kb / 1P
Highest Luminous Flux
LED-10VAL12HW3C HB-LED-10VAL12HW3C Datasheet
56Kb / 2P
Highest Flux
LED-S12LY9C HB-LED-S12LY9C Datasheet
167Kb / 2P
Highest Flux Yellow
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com