Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAP64-05W Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BAP64-05W
Description  Silicon PIN diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP64-05W Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP64-05W Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-05W Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-05W Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-05W Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-05W Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-05W Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-05W Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-05W Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2000 Jul 13
2
Philips Semiconductors
Product specification
Silicon PIN diode
BAP64-05W
FEATURES
• High voltage, current controlled
• RF resistor for RF attenuators and switches
• Low diode capacitance
• Low diode forward resistance
• Low series inductance
• For applications up to 3 GHz.
APPLICATIONS
• RF attenuators and switches.
GENERAL DESCRIPTION
Two planar PIN diodes in common cathode configuration
in a SOT323 small SMD plastic package.
PINNING
PIN
DESCRIPTION
1
anode (a1)
2
anode (a2)
3
common cathode
handbook, halfpage
3
2
1
Top view
MAM382
2
1
3
Marking code: 5W-
Fig.1 Simplified outline (SOT323) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
−
100
V
IF
continuous forward current
−
100
mA
Ptot
total power dissipation
Ts =90 °C
−
240
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com