Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC4XRGBCT Datasheet(PDF) 7 Page - HB Electronic Components

Part # PLCC4XRGBCT
Description  High luminous Intensity
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC4XRGBCT Datasheet(HTML) 7 Page - HB Electronic Components

Back Button PLCC4XRGBCT Datasheet HTML 2Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 3Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 4Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 5Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 6Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 7Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 8Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 9Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 10Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Reflow Soldering
Hand Soldering
Profile Feature
Lead Solder
Lead-free Solder
Temperature
Soldering time
350 ℃ max.
3 seconds max.
(one time only)
Pre-heat temperature
(Tsmin to Tsmax)
120~150 ℃
180~200 ℃
Pre-heat time
(Tsmin to Tsmax)
60-120 seconds
60-120 seconds
Average ramp-up rate
(Tsmax to Tp)
3 ℃/second max.
3 ℃/second max.
Liquidous temperature
(TL)
183 ℃
217 ℃
Time at liquidous
(TL)
60-150 seconds
60-150 seconds
Peak package body
temperature(Tp)*
235~240 ℃ max.
255~260 ℃ max.
Classification
temperature(Tc)
240 ℃
260 ℃
Time(Tp)**within 5℃
of the specified
classification
temperature(Tc)
20**seconds
30**seconds
Average ramp-dawn
rate(Tp to Tsmax)
6 ℃/second max.
6 ℃/second max.
Time 25 ℃ to peak
temperature
6 minutes max.
8 minutes max.
Note:
1.
* Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum.
2.
** Tolerance for time at peak profile temperature (Tp) is defined as a supplier minimum and a user
maximum.
Technical Data Sheet
Top View LED
Hebei I.T. (Shanghai) Co., Lt
Part No: PLCC4XRGBCT
d.
www.ledz.com
Page 7 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com