Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS4684ITL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMS4684ITL/NOPB
Description  0.5Ohm Low-Voltage, Dual SPDT Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMS4684ITL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMS4684ITL/NOPB Datasheet HTML 1Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 2Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 3Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 4Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 5Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 6Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 7Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 8Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NO1
COM1
IN1
COM2
1
4
5
3
7
6
8
10
NO2
IN2
2
9
NC1
NC2
GND
V
+
LMS4684
SNOSAL0C – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
SCHEMATIC DIAGRAM
IN
NO
NC
0
Off
On
1
On
Off
Switches shown for Logic "0" input
PIN DESCRIPTIONS
Name
Pin ID
Description
WSON
DSBGA
NC
5, 7
D3, D1
Analog switch normally closed terminal
IN
4, 8
C3, C1
Digital control input
COM
3, 9
B3, B1
Analog switch common terminal
NO
2, 10
A3, A1
Analog switch normally open terminal
V+
1
A2
Positive supply voltage
GND
6
D2
Ground
Not electrically connected. Can be used to help dissipate heat by connecting to GND
B2, C2
pin.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
V+
−0.3V to 6.0V
IN
−0.3V to 6.0V
COM, NO, NC
−0.3V to (V+ + 0.3V)
Continuous Switch Current
±400 mA
ESD Tolerance (4)
Human Body Model
2000V
Machine Model
200V
Storage Temperature Range
−65°C to 150°C
Junction Temperature (5)
150°C Max
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed.
(2)
All voltages are with respect to GND, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Human body model: 1.5 k
Ω in series with 100 pF. Machine model, 0Ω in series with 200 pF.
(5)
The maximum power dissipation is a function of TJ(max), θJA and TA.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMS4684



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com