Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3011G-N24-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA3011G-N24-R
Description  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3011G-N24-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PA3011G-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3011G-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3011G-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3011G-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3011G-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3011G-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3011G-N24-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PA3011
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-247.B
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
PGND
ROUT-
PVDD
RHPIN
RLINEIN
RIN
VDD
LIN
LLINEIN
LHPIN
24
ROUT+
SE/BTL
VOLUME
SEDIFF
SEMAX
AGND
BYPASS
FADE
SHUTDOWN
23
22
21
20
19
18
17
16
15
11
PVDD
12
LOUT-
14
LOUT+
13
PGND
HP/LINE
PA3427
PIN DESCRIPTION
PIN #
PIN NAME
I/O
DESCRIPTION
1,13
PGND
Ground, directly connected to thermal pad.
12
LOUT-
O
negative output for left channel
3,11
PVDD
Supply voltage
10
LHPIN
I
Left channel headphone input, selected when HP/ LINE pin is held high.
9
LLINEIN
I
Line input for left channel, selected when HP/ LINE pin is held low.
8
LIN
I
Differential input for left channel. AC ground for single-ended inputs.
7
VDD
Analog VDD supply voltage
6
RIN
I
Differential input for right channel. AC ground for single-ended inputs.
5
RLINEIN
I
Line input for Right channel, selected when HP/ LINE pin is held low.
4
RHPIN
I
Right channel headphone input, selected when HP/ LINE pin is held high.
2
ROUT-
O
Negative output for right channel.
24
ROUT+
O
Positive output for right channel.
15
SHUTDOW
I
Circuit is in shutdown mode when this pin is held low.
16
FADE
I
If a logic low is placed on this terminal places the amplifier in fade mode; if
a logic high is placed on this terminal normal operation
17
BYPASS
I
Tap to voltage divider for internal midsupply bias generator
18
AGND
Analog ground
19
SEMAX
I
This sets the maximum volume for single ended operation. The DC voltage
range is 0 to VDD.
20
SEDIFF
I
This sets the difference between BTL volume and SE volume. The DC
voltage range is 0 to VDD.
21
VOLUME
I
DC volume control. The DC voltage range is 0 to VDD.
22
HP/LINE
I
MUX control input, hold high to select headphone inputs, hold low to select
line inputs.
23
SE/BTL
I
Hold low for BTL mode, hold high for SE mode.
14
LOUT+
O
Positive output for left channel.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com