Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3017G-N20-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # PA3017G-N20-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3017G-N20-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button PA3017G-N20-R Datasheet HTML 2Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 3Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 4Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 5Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 6Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 7Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 8Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 9Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PA3017
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R502-224.C
TYPICAL CHARACTERISTICS(Cont.)
20
Frequency, f (Hz)
+120
50 100200 500
2K
10K
+80
+50
+40
20K
Signal-to-Noise Ratio vs Freqency
1K
5K
+60
+70
+90
+100
+110
AV=6dB
AV=21.6dB
AV=15.6dB
PO=1W
RL=8ohm
20
Frequency, f (Hz)
+30
50100 500 1k 2K
10K
+10
-5
-10
50k
Closed Loop Response
5K
+0
+5
+15
+20
+25
+180
+120
+60
+0
-60
-120
-180
200K
RL=8ohm
AV=6dB
phase
gain
20
Frequency, f (Hz)
+30
50100 500 1k 2K
10K
+10
-5
-10
50k
Closed Loop Response
5K
+0
+5
+15
+20
+25
+180
+120
+60
+0
-60
-120
-180
200K
RL=8ohm
AV=15.6dB
phase
gain
20
Frequency, f (Hz)
+30
50100 500 1k 2K
10K
+10
-5
-10
50k
Closed Loop Response
5K
+0
+5
+15
+20
+25
+180
+120
+60
+0
-60
-120
-180
200K
RL=8ohm
AV=21.6dB
phase
gain



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com