Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3332G-N24-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PA3332G-N24-R
Description  2.6W STEREO AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3332G-N24-R Datasheet(HTML) 6 Page - Unisonic Technologies

  PA3332G-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3332G-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3332G-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3332G-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3332G-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3332G-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3332G-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3332G-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3332G-N24-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PA3332
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R502-488.b
APPLICATION INFORMATION
Input MUX Operation
For the UTC PA3332, there exist two input signal paths (IN1 and IN2). Thus, for different input sources, the UTC
PA3332
has different gains with this prompt setting. When the IN1 / IN2 pin is in active high, this device operates in
IN2 input source; when it is in active low, this device operates in IN1 input source.
Bridged-Tied Load Mode Operation
The following figure A shows the BTL (Bridged-Tied Load) mode operation. The two linear amplifiers drive both
ends of the speaker load.
There are several advantages for using the BTL mode: first of all, the differential driving to the speaker load
means that when one side is slewing up, the other side is slewing down, and vice versa. The voltage swing on the
load is two times that on a ground reference load. In this mode, the peak-to-peak voltage VO(PP) on the load will be
double a ground reference configuration. 4 times output power on the load will be generated at the same power
supply rail and loading due to the voltage on the load is doubled. Further more, this BTL operation can cancel the dc
offsets which save the using of dc coupling capacitor that is needed to cancel dc offsets in the ground reference
configuration. Then the input network and speaker responses can only limit the low-frequency performance.
Moreover, the saving of dc coupling capacitors can minimize PCB space and the cost.
MUTE and SHUTDOWN Mode Operations
Circuits with mute and shutdown functions are contained in the UTC PA3332, which is designed to reduce IDD
(supply current) to the absolute minimum level during nonuse periods for battery-power conservation.
When pulling the shutdown pin (pin 8) high, all linear amplifiers will be deactivated to mute the amplifier outputs.
Then the device enters an extremely low current consumption condition, the supply current is less than 5µA. When
the mute pin (pin 14) is pulled high, it will force the activated linear amplifier to supply the VDD/2 dc voltage on the
output & shutdown the second linear amplifiers to mute the AC performance. The current dissipation will be smaller
in the mute mode operation than that in the BTL mode.
It is not allowed to leave the shutdown and mute pins floating, or unexpected conditions would occur for the
amplifier operations.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com