Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3428-N24-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA3428-N24-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3428-N24-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA3428-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA3428
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-242.A
2W STEREO AUDIO
AMPLIFIER
DESCRIPTION
As a stereo audio speaker which is operating on a single 5V
supply, the UTC PA3428 is capable of delivering 2W of output
power per channel into 4Ω loads with less than 1% THD+N.
Way of two terminals (GAIN0 and GAIN1) can configured and
control the amplifier gain. It also provide gain settings of 2, 6, 12,
and 24V/V.
Other features include internal gain control which requires few
external components, an active-low shutdown mode input and
thermal shutdown protection.
FEATURES
* Internal Depop circuitry
* Output power at 1% THD+N
Supply voltage:5V
Delivering 2.0W into a 4Ω load
Delivering 1.2W into a 8Ω load
* Tow mode:
Bridge-tied Load (BTL),
Single-ended (SE)
* Stereo input signal
* Fully differential input
* Gain control Internally
* Differential Input fully
Lead-free:
PA3428L
Halogen-free: PA3428G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
PA3428-N24-R
PA3428L-N24-R
PA3428G-N24-R
TSSOP-24
Tape Reel
PA3428-N24-T
PA3428L-N24-T
PA3428G-N24-T
TSSOP-24
Tube


Similar Part No. - PA3428-N24-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3428-N24-R UTC-PA3428-N24-R Datasheet
424Kb / 9P
2W STEREO AUDIO AMPLIFIER
More results

Similar Description - PA3428-N24-R

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
2W Stereo Audio Amplifier
G1432 GMT-G1432 Datasheet
334Kb / 15P
2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3017 UTC-PA3017 Datasheet
293Kb / 10P
2W STEREO AUDIO AMPLIFIER
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
2W STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com