Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3428L-N24-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PA3428L-N24-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3428L-N24-R Datasheet(HTML) 3 Page - Unisonic Technologies

  PA3428L-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3428L-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3428L-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3428L-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3428L-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3428L-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3428L-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3428L-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3428L-N24-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PA3428
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-242.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
6
V
Power Dissipation TA≤25°С
PD
2.7
W
Operating Free-Air Temperature Range
TA
-40~+85
°С
Operating Junction Temperature Range
TJ
150
°С
Storage Temperature Range
TSTG
-65~+150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
DC ELECTRICAL CHARACTERISTICS
Supply voltage
VDD
4.5
5
5.5
V
High-Level Input voltage
VIH
SHUTDOWN,SE/BTL,
HP/LINE, GAIN0, GAIN1
3.5
V
Low-Level Input voltage
VIL
SHUTDOWN,SE/BTL,
HP/LINE,GAIN0, GAIN1
1
V
DC Differential Output Voltage
VOUT(DIFF) VDD= 5V,Gain = 2V/V
5
50
mV
VDD= 5V, Stereo BTL
7.5
13
Supply Current in Mute Mode
IDD
VDD= 5V, Stereo SE
4
7
mA
Supply Current, Shutdown Mode
IDD(SD)
VDD= 5V
160
300
µA
AC ELECTRICAL CHARACTERISTICS
VDD = 5.0V, RL = 4Ω, unless otherwise specified
THD =1%, BTL, RL=4Ω, G=2V/V
2
THD =1%, BTL, RL=8Ω, G=2V/V
1.25
THD =10%, BTL, RL=4Ω, G=2V/V
2.5
THD =10%, BTL, RL=8Ω, G=2V/V
1.6
W
Output Power
POUT
THD =0.1%, SE, RL=32Ω
85
mW
POUT =1.6W, BTL, RL= 4Ω, G=2V/V
100
POUT =1W, BTL, RL= 8Ω, G=2V/V
60
POUT =75mW, SE, RL=32Ω
80
Total Harmonic Distortion Plus Noise
THD+N
VI=1V, BTL, RL=10kΩ, SE
30
m%
Max Output Power Bandwidth
BOM
THD =5%
15
kHz
Power Supply Ripple Rejection
PSRR
F=1kHz, BTL, G=2V/V, CBYP=1µF
68
V/V
Channel-to-Channel
Output Separation
F=1kHz
80
V/V
Line/HP Input Separation
80
V/V
BTL Attenuation (SE mode)
85
V/V
Signal-to-Noise Ratio
SNR
POUT =500mW, BTL, G=2V/V
90
V/V
Output Noise Voltage
eN
BTL,G=2V/V, A Weighted filter
45
µV(rms)
Note: Output power is measured at the output terminals of the IC at 1kHz.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com