Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3431G-N20-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA3431G-N20-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3431G-N20-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PA3431G-N20-R Datasheet HTML 1Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 2Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 3Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 4Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 5Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 6Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 7Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 8Page - Unisonic Technologies PA3431G-N20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PA3431
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 11
www.unisonic.com.tw
QW-R502-225.B
PIN CONFIGURATION
1
2
3
4
5
6
7
GND
GAIN0
GAIN1
LOUT+
LIN-
PVDD
RIN+
8
9
10
LOUT-
LIN+
BYPASS
20
19
18
17
16
15
14
GND
SHUTDOWN
ROUT+
RIN-
VDD
PVDD
ROUT-
13
12
11
GND
NC
GND
PIN DESCRIPTION
PIN NO.
PIN NAME
I/O
DESCRIPTION
1,11 13,20
GND
Ground
2
GAIN0
I
Bit 0 of gain control
3
GAIN1
I
Bit 1 of gain control
4
LOUT+
O
Positive output for left channel
5
LIN-
I
Negative differential input for left channel
6,15
PVDD
I
Supply voltage
7
RIN+
I
Positive differential input for right channel
8
LOUT-
O
Negative output for left channel
9
LIN+
I
Positive differential input for left channel
10
BYPASS
Tap to voltage divider for internal mid supply bias generator
12
NC
Nothing connection
14
ROUT-
O
Negative output for right channel
16
VDD
Supply voltage
17
RIN-
I
Negative differential input for right channel
18
ROUT+
O
Positive output for right channel
19
SHUTDOWN
I
In shutdown mode when held low



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com