Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4863G-S16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PA4863G-S16-R
Description  DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4863G-S16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  PA4863G-S16-R Datasheet HTML 1Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 2Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 3Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 4Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 5Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 6Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 7Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 8Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PA4863
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 12
www.unisonic.com.tw
QW-R502-120.D
PIN CONFIGURATION
SHUTDOWN
GND
+OUT A
VDD
-OUT A
-IN A
GND
+IN A
+IN B
BYPASS
-IN B
-OUT B
VDD
+OUT B
GND
HP-IN
DIP-16/SOP-16
1
2
3
14
13
12
11
10
15
16
9
4
5
6
7
8
SHUTDOWN
GND
+OUT A
VDD
-OUT A
-IN A
GND
+IN A
+IN B
BYPASS
-IN B
-OUT B
VDD
+OUT B
GND
HP-IN
GND
GND
3
4
5
6
7
8
9
14
13
12
11
10
15
16
2
17
1
18
SOP-18
PIN DESCRIPTION
PIN NO.
DIP-16/SOP-16 SOP-18
HTSSOP-20
PIN NAME I/O
PIN DESCRIPTION
4,13
4,15
4,17
VDD
- Supply voltage
2,7,15
2,7,9,10,17 2,7,9,10,11,12,19
GND
- Ground
10
12
14
BYPASS
- Internal mid-supply bias reference bypassing
1
1
1
SHUTDOWN I
Entire IC into the shutdown mode when this pin
connected to the VDD
16
18
20
HP-IN
I
Output mode select, connected to the VDD for SE
mode or GND for BTL mode
8
8
8
+INA
I
Non-inverting input of channel A, connected to
BYPASS pin inside the IC
6
6
6
-INA
I Inverting input of channel A
3
3
3
+OUTA
O
Channel A + output in BTL mode, high impedance in
SE mode
5
5
5
-OUTA
O Channel A - output in BTL mode, + output in SE mode
9
11
13
+INB
I
Non-inverting input of channel B, connected to
BYPASS pin inside the IC
11
13
15
-INB
I Inverting input of channel B
14
16
18
+OUTB
O
Channel B + output in BTL mode, high impedance in
SE mode
12
14
16
-OUTB
O Channel B - output in BTL mode, + output in SE mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com