Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4990G-SM2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA4990G-SM2-R
Description  1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4990G-SM2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA4990G-SM2-R Datasheet HTML 1Page - Unisonic Technologies PA4990G-SM2-R Datasheet HTML 2Page - Unisonic Technologies PA4990G-SM2-R Datasheet HTML 3Page - Unisonic Technologies PA4990G-SM2-R Datasheet HTML 4Page - Unisonic Technologies PA4990G-SM2-R Datasheet HTML 5Page - Unisonic Technologies PA4990G-SM2-R Datasheet HTML 6Page - Unisonic Technologies PA4990G-SM2-R Datasheet HTML 7Page - Unisonic Technologies PA4990G-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA4990
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-235.F
1.2W AUDIO POWER
AMPLIFIER WITH ACTIVE-LOW
SHUTDOWN MODE
DESCRIPTION
As a power amplifier which is operating on a single 5V supply,
the UTC PA4990 is capable of delivering 1.2W of output power into
8Ω loads with less than 1% distortion.
The UTC PA4990 is optimally suited for applications: Mobile
phones (cellular/cordless), notebook computers PDAs and Portable
audio devices.
The shutdown mode can reduce the supply current to less than
10nA. It also includes thermal shutdown protection internally. By
external gain setting resistors the gain can be configured.
FEATURES
* Operating: VCC=2.2V ~ 5.5V
* 1.2W output power, VCC=5V, THD=1%, f=1kHz, 8Ω Load
* In shutdown mode: Ultra-low consumption (10nA)
* In grounded mode: 62dB PSRR @ 217Hz
* POP & CLICK near-zero
* Ultra-low distortion :0.1% (typ)
ORDERING INFORMATION
Ordering Number
Package
Packing
PA4990G-S08-R
SOP-8
Tape Reel
PA4990G-SM2-R
MSOP-8
Tape Reel
MARKING
SOP-8
MSOP-8


Similar Part No. - PA4990G-SM2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4990G-SM2-R UTC-PA4990G-SM2-R Datasheet
221Kb / 9P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results

Similar Description - PA4990G-SM2-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
logo
Unisonic Technologies
PA4990 UTC-PA4990 Datasheet
259Kb / 8P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4990D ISSI-IS31AP4990D Datasheet
278Kb / 10P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Unisonic Technologies
TBA820M UTC-TBA820M_15 Datasheet
178Kb / 6P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4990D-UTLS2-TR ISSI-IS31AP4990D-UTLS2-TR Datasheet
293Kb / 10P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
PA4990 UTC-PA4990_18 Datasheet
221Kb / 9P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com