Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXD1005C/D__ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MXD1005C/D__
Description  5-Tap Silicon Delay Line
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1005C/D__ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MXD1005C/D__ Datasheet HTML 1Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 2Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 3Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 4Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 5Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 6Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 7Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5-Tap Silicon Delay Line
_______________________________________________________________________________________
3
__________________________________________Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)
-2.0
-1.0
-1.5
0
-0.5
1.5
1.0
0.5
2.0
-40
0
-20
20
40
60
80
100
MXD1005_ _75
PERCENT CHANGE IN DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
tPLH
RELATIVE TO NOMINAL (+25°C)
tPHL
tPHL
tPLH
-2.0
-1.0
-1.5
0
-0.5
1.5
1.0
0.5
2.0
-40
0
-20
20
40
60
80
100
MXD1005_ _100 TO MXD1005_ _200
PERCENT CHANGE IN DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
tPHL
RELATIVE TO NOMINAL (+25°C)
tPHL
tPLH
tPLH
-2.0
-1.0
-1.5
0
-0.5
1.5
1.0
0.5
2.0
-40
0
-20
20
40
60
80
100
MXD1005_ _250
PERCENT CHANGE IN DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
tPHL
RELATIVE TO NOMINAL (+25°C)
tPLH
tPLH
tPHL
18
10
11
12
13
14
15
16
17
0.001
0.1
1
0.01
10
ACTIVE CURRENT
vs. FREQUENCY
FREQUENCY (MHz)
50% DUTY CYCLE
MXD1005_ _75
MXD1005_ _200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com